Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1313 Datasheet(PDF) 11 Page - Electronic Film Capacitors, Inc.

Part # 1313
Description  METALLIZED POLYESTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.

1313 Datasheet(HTML) 11 Page - Electronic Film Capacitors, Inc.

Back Button 1313 Datasheet HTML 5Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 6Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 7Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 8Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 9Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 10Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 11Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 12Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 13Page - Electronic Film Capacitors, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
<
><
L _.050"
>
1.75"
Min.
_ .050"
+
+_ .050"
W
T
<
>
ELECTRONIC FILM CAPACITORS, INC.
Reidville Industrial Park * 41 Interstate Lane * WATERBURY, CONNECTICUT 06705
Phone (203) 755-5629
FAX (203) 755-0659
Oval
Wrap and Fill
+
(All dimensions in inches)
EFC will manufacture to any non-standard value and size. Please consult factory for special requirements.
Metallized
Polyester
Capacitors
EFC
AC1313TF
AC1313TF
Cap.
µµµµµF
DIMENSIONS and RATINGS
.047
.056
.068
.082
.1
.12
.15
.18
.22
.27
.33
.39
.47
.56
.68
.82
1.0
1.5
2.0
2.5
3.0
4.0
5.0
6.0
7.0
8.0
10.0
12.0
AC1313TF-3
150 VAC 60 HZ
AC1313TF-3
250 VAC 60 HZ
T
W
L
T
W
L
.140
.140
.140
.171
.171
.140
.140
.171
.171
.203
.203
.218
.218
.265
.265
.234
.234
.296
.328
.437
.421
.468
.546
.578
.640
.640
.765
..265
.312
.312
.375
.375
.312
.312
.343
.343
.406
.406
.515
.515
.562
.562
.531
.531
.593
.718
.921
.906
1.062
1.140
1.265
1.328
1.421
1.546
.625
.625
.625
.625
.625
1.000
1.000
1.000
1.000
1.000
1.000
1.000
1.000
1.000
1.000
1.500
1.500
1.500
1.500
2.000
2.500
2.500
2.500
2.500
2.500
2.500
2.500
NOTES:
1. EFC Series AC1313TF capacitors are designed for general
purpose 60 HZ applications.
2. Quality AC applications are assured through the use of
specially metallized dielectrics and end terminations.
3. For 85 OC operation, a 75% derating is recommended.
.125
.125
.125
.125
.125
.140
.156
.171
.171
.140
.156
.140
.156
.171
.171
.187
.187
.234
.281
.296
.328
.312
.359
.343
.375
.375
.421
.488
.250
.250
.250
.250
.250
.312
.343
.343
.343
.265
.343
.312
.343
.375
.375
.484
.484
.578
.578
.640
.718
.703
.750
.734
.785
.859
.908
1.062
.625
.625
.625
.625
.625
.625
.625
.625
.625
1.000
1.000
1.000
1.000
1.000
1.000
1.000
1.000
1.000
1.000
1.500
1.500
2.000
2.000
2.500
2.500
2.500
2.500
2.500
Lead Specs
Tinned Copperweld
Under .250D = 24 AWG
.250 - .440D = 22 AWG
Above .440D = 20 AWG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com