Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1313 Datasheet(PDF) 13 Page - Electronic Film Capacitors, Inc.

Part # 1313
Description  METALLIZED POLYESTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.

1313 Datasheet(HTML) 13 Page - Electronic Film Capacitors, Inc.

Back Button 1313 Datasheet HTML 5Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 6Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 7Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 8Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 9Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 10Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 11Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 12Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 13Page - Electronic Film Capacitors, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
µµµµµF
Cap.
<
><
L _.050"
>
1.75"
Min.
ELECTRONIC FILM CAPACITORS, INC.
Reidville Industrial Park * 41 Interstate Lane * WATERBURY, CONNECTICUT 06705
Phone (203) 755-5629
FAX (203) 755-0659
Lead Specs.
Tinned Copperweld
Under .250D = 24 AWG
.250 - .440D = 22 AWG
Above .440D = 20 AWG
.001
.0012
.0015
.0018
.0022
.0027
.0033
.0039
.0047
.0056
.0068
.0082
.01
.012
.015
.018
.022
.027
.033
.039
.047
.056
.068
.082
.1
Tubular
Wrap and Fill
+
_ .050"
+
D
EFC will manufacture to any non-standard value and size. Please consult factory for special requirements.
(All dimensions in inches)
High Voltage
Metallized
Polyester
Capacitors
EFC
HV1313TC
D
L
D
L
D
L
D
L
D
L
D
L
D
L
D
L
2000 VDC
3000 VDC
4000 VDC
5000 VDC
6000 VDC
8000 VDC
10000 VDC 15000 VDC
HV1313TC
.250
.265
.281
.296
.328
.375
.390
.437
.468
.500
.546
.484
.531
.562
.625
.687
.750
.875
.906
.843
.921
1.000
1.125
1.250
1.375
1.812
1.812
1.812
1.812
1.812
1.812
1.812
1.812
1.812
1.812
1.812
2.312
2.312
2.312
2.312
2.312
2.312
2.312
2.312
2.812
2.812
2.812
2.812
2.812
2.812
.281
.312
.328
.359
.387
.437
.468
.515
.562
.608
.671
.734
.796
.875
.750
.796
.875
.968
1.062
2.00
2.00
2.00
2.00
2.00
2.00
2.00
2.00
2.00
2.00
2.00
2.00
2.00
2.00
2.625
2.625
2.625
2.625
2.625
.453
.468
.531
.578
.658
.703
.562
.609
.656
.716
.781
.859
.937
1.031
1.156
2.375
2.375
2.375
2.375
2.375
2.375
3.00
3.00
3.00
3.00
3.00
3.00
3.00
3.00
3.00
NOTES:
1. EFC Series HV1313TC capacitors are designed for use with high voltage
rectifiers, power supplies for electrostatic copiers and televisions, etc.
2. Maximum recommended operating temperature is +85 OC.
.218
.218
.218
.218
.218
.218
.218
.218
.218
.218
.218
.218
.218
.234
.250
.265
.296
.312
.343
.375
.359
.375
.406
.453
.500
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.50
1.50
1.50
1.50
1.50
.250
.250
.250
.250
.250
.250
.250
.250
.250
.250
.250
.265
.286
.317
.343
.375
.406
.359
.375
.437
.453
.468
.453
.484
.531
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.75
1.75
1.75
1.75
1.75
2.25
2.25
2.25
.250
.250
.250
.250
.250
.250
.265
.281
.312
.328
.358
.375
.408
.445
.375
.406
.428
.484
.531
.562
.515
.562
.608
.671
.734
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.75
1.75
1.75
1.75
1.75
1.75
2.25
2.25
2.25
2.25
2.25
.250
.250
.250
.250
.250
.282
.296
.312
.343
.375
.406
.343
.375
.406
.437
.500
.531
.578
.531
.593
.625
.687
.750
.734
.875
1.312
1.312
1.312
1.312
1.312
1.312
1.312
1.312
1.312
1.312
1.312
1.687
1.687
1.687
1.687
1.687
1.687
1.687
2.062
2.062
2.062
2.062
2.062
2.437
2.437
.250
.250
.265
.296
.312
.343
.375
.406
.343
.375
.406
.437
.484
.531
.578
.531
.578
.640
.703
.796
.828
.906
.875
.953
1.062
1.312
1.312
1.312
1.312
1.312
1.312
1.312
1.312
1.687
1.687
1.687
1.687
1.687
1.687
1.687
2.062
2.062
2.062
2.062
2.062
2.062
2.062
2.437
2.437
2.437
DIMENSIONS and RATINGS
HV1313TC-3
HV1313TC-3
HV1313TC-3
HV1313TC-3
HV1313TC-3
HV1313TC-3
HV1313TC-3
HV1313TC-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com