Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1916 Datasheet(PDF) 1 Page - ams AG

Part # AS1916
Description  AS1916 - AS1918
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1916 Datasheet(HTML) 1 Page - ams AG

  AS1916_1 Datasheet HTML 1Page - ams AG AS1916_1 Datasheet HTML 2Page - ams AG AS1916_1 Datasheet HTML 3Page - ams AG AS1916_1 Datasheet HTML 4Page - ams AG AS1916_1 Datasheet HTML 5Page - ams AG AS1916_1 Datasheet HTML 6Page - ams AG AS1916_1 Datasheet HTML 7Page - ams AG AS1916_1 Datasheet HTML 8Page - ams AG AS1916_1 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AS1916 - AS1918
Microprocessor Supervisory Circuits with Manual
Reset and Watchdog
Dat a Sh eet
www.austriamicrosystems.com
Revision 1.00
1 - 13
1 General Description
The AS1916 - AS1918 microprocessor supervisory cir-
cuits were designed to generate a reset when the moni-
tored supply voltage falls below a factory-trimmed
threshold. The reset remains asserted for a minimum
timeout period after the supply voltage stabilizes.
Guaranteed to be in the correct state for VCC higher than
+1.0V, these devices are ideal for portable and battery-
powered systems with strict monitoring requirements.
The devices feature factory-trimmed thresholds to moni-
tor a supply voltage between 1.8 and 3.6V.
The devices are available with the reset output types
listed in Table 1.
The AS1916 - AS1918 include a manual-reset input for
systems that never fully power down the microproces-
sor.
Additionally, these devices feature a watchdog timer to
help ensure that the processor is operating within proper
code boundaries.
The AS1916 - AS1918 are available in a 5-pin SOT23
package.
Figure 1. Typical Application Diagram
2 Key Features
!
VCC Supervisory Range: +1.8 to +3.6V
!
Guaranteed Reset Valid Down to VCC = +1.0V
!
Reset Timeout Delay: 215ms
!
Manual Reset Input
!
Three Reset Output Types
- Active-Low Push/Pull (AS1916)
- Active-High Push/Pull (AS1917)
- Active-Low Open-Drain (AS1918)
!
Watchdog Timeout Period: 1.5s
!
Immune to Fast Negative VCC Transients
!
External Components Not Required
!
Operating Temperature Range: -40 to +125°C
!
5-pin SOT23 Package
3 Applications
The devices are ideal for portable and battery-powered
systems, embedded controllers, intelligent instruments,
automotive systems, and critical CPU monitoring appli-
cations.
Table 1. Standard Products
Model
Reset Output Type
AS1916
Active-Low Push/Pull
AS1917
Active-High Push/Pull
AS1918
Active-Low Open-Drain
AS1916/
AS1918
External
Reset
CPU
I/O Supply
VCC
GND
RESETN
I/O
4
WDI
5
VCC
3
MRN
GND
2
1
RESETN


Similar Part No. - AS1916_1

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1916R-T AMSCO-AS1916R-T Datasheet
401Kb / 13P
Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1916R-T AMSCO-AS1916R-T Datasheet
832Kb / 15P
Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
ams-OSRAM AG
AS1916R-T AMSOSRAM-AS1916R-T Datasheet
1Mb / 16P
Microprocessor Supervisory Circuits with Manual Reset and Watchdog
Revision 1.04
logo
ams AG
AS1916S-T AMSCO-AS1916S-T Datasheet
401Kb / 13P
Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1916S-T AMSCO-AS1916S-T Datasheet
832Kb / 15P
Microprocessor Supervisory Circuits with Manual Reset and Watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com