Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1916 Datasheet(PDF) 5 Page - ams AG

Part # AS1916
Description  AS1916 - AS1918
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1916 Datasheet(HTML) 5 Page - ams AG

  AS1916_1 Datasheet HTML 1Page - ams AG AS1916_1 Datasheet HTML 2Page - ams AG AS1916_1 Datasheet HTML 3Page - ams AG AS1916_1 Datasheet HTML 4Page - ams AG AS1916_1 Datasheet HTML 5Page - ams AG AS1916_1 Datasheet HTML 6Page - ams AG AS1916_1 Datasheet HTML 7Page - ams AG AS1916_1 Datasheet HTML 8Page - ams AG AS1916_1 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.austriamicrosystems.com
Revision 1.00
5 - 13
AS1916 - AS1918
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
VOH
RESET Output High
(Push/Pull Only)
VCC
≥ 1.0V, ISOURCE = 1µA,
Reset Asserted, TAMB = 0 to +85ºC
0.8 x
VCC
V
VCC
≥ 1.50V, ISOURCE = 100µA,
Reset Asserted
0.8 x
VCC
VCC
≥ 2.55V, ISOURCE = 500µA,
Reset Asserted
0.8 x
VCC
VCC
≥ 3.3V, ISOURCE = 800µA,
Reset Asserted
0.8 x
VCC
VOL
RESET Output Low
(Push/Pull Only)
VCC
≥ 1.8V, ISINK = 500µA,
Reset Asserted
0.3
V
VCC
≥ 3.15V, ISINK = 1.2mA,
Reset Asserted
0.3
VCC
≥ 3.3V, ISINK = 3.2mA,
Reset Asserted
0.4
Manual Reset Input
VIL
MRN Input voltage
0.3 x
VCC
V
VIH
0.7 x
VCC
MRN Minimum Input Pulse
1
µs
MRN Transient Rejection
90
ns
MRN to Reset Delay
130
ns
MRN Pullup Resistance
25
50
75
k
Ω
Watchdog Input
tWD
Watchdog Timeout Period
TAMB = -40 to +85ºC
1.12
1.5
2.4
s
TAMB = -40 to +125ºC
0.80
2.60
tWDI
WDI Pulse Width
2
20
ns
VIL
WDI Input Voltage
0.3 x
VCC
V
VIH
0.7 x
VCC
IWDI
WDI Input Current
WDI = VCC, Time Average
80
160
µA
WDI = 0, Time Average
-20
-11
1. Over-temperature limits are guaranteed by design and not production tested. Devices tested at +25ºC.
2. Guaranteed by design and not production tested.
Table 4. Electrical Characteristics (Continued)
Symbol
Parameter
1
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com