Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1920 Datasheet(PDF) 13 Page - ams AG

Part # AS1920
Description  Triple-Voltage, Micro-Power Microprocessor Supervisory Circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1920 Datasheet(HTML) 13 Page - ams AG

Back Button AS1920_1 Datasheet HTML 6Page - ams AG AS1920_1 Datasheet HTML 7Page - ams AG AS1920_1 Datasheet HTML 8Page - ams AG AS1920_1 Datasheet HTML 9Page - ams AG AS1920_1 Datasheet HTML 10Page - ams AG AS1920_1 Datasheet HTML 11Page - ams AG AS1920_1 Datasheet HTML 12Page - ams AG AS1920_1 Datasheet HTML 13Page - ams AG AS1920_1 Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
www.austriamicrosystems.com
Revision 1.00
13 - 14
AS1920/AS1922
Datasheet - O r d e r i n g I n f o r m a t i o n
11 Ordering Information
The devices are available as the standard products shown in Table 5.
Table 5. Ordering Information
Model
Marking
Description
Reset Type
Delivery Form
Package
AS1920-18-T
ASI1
Triple-Voltage Supervisory Circuit:
3V, 1.8V, and Adjustable.
Push/Pull
Tape and Reel
5-pin SOT23
AS1922-18-T
ASI2
Triple-Voltage Supervisory Circuit:
3V, 1.8V, and Adjustable.
Open-Drain
Tape and Reel
5-pin SOT23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com