Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1920 Datasheet(PDF) 2 Page - ams AG

Part # AS1920
Description  Triple-Voltage, Micro-Power Microprocessor Supervisory Circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1920 Datasheet(HTML) 2 Page - ams AG

  AS1920_1 Datasheet HTML 1Page - ams AG AS1920_1 Datasheet HTML 2Page - ams AG AS1920_1 Datasheet HTML 3Page - ams AG AS1920_1 Datasheet HTML 4Page - ams AG AS1920_1 Datasheet HTML 5Page - ams AG AS1920_1 Datasheet HTML 6Page - ams AG AS1920_1 Datasheet HTML 7Page - ams AG AS1920_1 Datasheet HTML 8Page - ams AG AS1920_1 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.austriamicrosystems.com
Revision 1.00
2 - 14
AS1920/AS1922
Datasheet - P i n o u t
4 Pinout
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 2. Pin Descriptions
Pin Number
Pin Name
Description
1
RESETN
Reset Logic Output. This active-low pin serves as the 3V push/pull reset
output. A reset is asserted when any one of the supplies are below its
respective trip threshold and the reset is held for 200ms after all power supplies
have stabilized.
2GND
Ground.
3VCCA
VCCA. 1V sense, high-impedance input.
Note: If this pin is not used it should be tied to VCC3 or VCC18.
4VCC18
VCC18. 1.8V sense input and power detect pin (AS1920-18, AS1922-18). This
pin provides power to the output reset stage of the device in order to assert a
valid reset when the voltage on the primary input is down.
Note: Bypass this pin to GND with a
≥0.1µF ceramic capacitor.
5VCC3
VCC3. 3V sense input and power supply pin (AS1920-18, AS1922-18). This pin
provides power to the device.
Note: Bypass this pin to GND with a
≥0.1µF ceramic capacitor.
AS1920/
AS1922
2
GND
3
VCCA
1
RESETN
4 VCC18
5 VCC3
5 VCC3
4 VCC18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com