Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1922 Datasheet(PDF) 10 Page - ams AG

Part # AS1922
Description  Triple-Voltage, Micro-Power Microprocessor Supervisory Circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1922 Datasheet(HTML) 10 Page - ams AG

Back Button AS1922 Datasheet HTML 6Page - ams AG AS1922 Datasheet HTML 7Page - ams AG AS1922 Datasheet HTML 8Page - ams AG AS1922 Datasheet HTML 9Page - ams AG AS1922 Datasheet HTML 10Page - ams AG AS1922 Datasheet HTML 11Page - ams AG AS1922 Datasheet HTML 12Page - ams AG AS1922 Datasheet HTML 13Page - ams AG AS1922 Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
www.austriamicrosystems.com
Revision 1.00
10 - 14
AS1920/AS1922
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Figure 16. VCCA Tied to DC/DC Feedback Divider
Figure 17. Triple-Supply Monitor w/Manual Reset Switch
AS1920-18
3V
1.8V
Adjustable Reset
Trip Threshold
2.31V
System
Reset
2.5V
2.26k
Ω
1%
27.4k
Ω
1%
22.6k
Ω
1%
1
RESETN
3
VCCA
4
VCC18
5
VCC3
2
GND
AS1920-18
3V
1.8V
†
Optional Resistor Recommended
to Extend ESD Tolerance
System
Reset
2.5V
VTRIP = 2.3V
R1
130k
Ω
0.1%
100nF
100nF
R2
100k
Ω
0.1%
R3
†
10k
Ω
5%
Normally Open
Manual Reset
Switch
VTRIP = VCCA/R2 (R1 + R2)
R1 = R2 ((VTRIP/VCCA) - 1)
2
GND
1
RESETN
3
VCCA
4
VCC18
5
VCC3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com