Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1922 Datasheet(PDF) 1 Page - ams AG

Part # AS1922
Description  Triple-Voltage, Micro-Power Microprocessor Supervisory Circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1922 Datasheet(HTML) 1 Page - ams AG

  AS1922 Datasheet HTML 1Page - ams AG AS1922 Datasheet HTML 2Page - ams AG AS1922 Datasheet HTML 3Page - ams AG AS1922 Datasheet HTML 4Page - ams AG AS1922 Datasheet HTML 5Page - ams AG AS1922 Datasheet HTML 6Page - ams AG AS1922 Datasheet HTML 7Page - ams AG AS1922 Datasheet HTML 8Page - ams AG AS1922 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AS1920, AS1922
Tr iple-Volta ge, Micro-Power Microprocessor
Supervi s ory Ci rcuits
Dat a Sheet
www.austriamicrosystems.com
Revision 1.00
1 - 14
1 General Description
The AS1920 and AS1922 microprocessor supervisory
circuits were designed to generate a reset when at least
one of the three monitored supply voltages falls below
its respective trip threshold.
These very-low-current (6.2µA, typ) devices maintain
reset for a minimum timeout period after all supplies
have stabilized. Guaranteed to be in the correct state for
VCC > +1.0V, these devices are perfect for multiple-volt-
age systems with low current requirements and strict
monitoring requirements.
The devices are available as the standard products
listed in Table 1.
All devices monitor primary and secondary factory-
trimmed voltages. Additionally, a third monitoring voltage
can be selected via an external resistor divider.
The AS1920 has an active-low push/pull reset output,
whereas the AS1922 has an active-low open-drain reset
output.
The AS1920 and AS1922 are available in a 5-pin
SOT23 package.
Figure 1. Typical Application Diagram
2 Key Features
!
Simultaneous Triple-Voltage Monitoring
!
Very-Low Supply Current: 6.2µA
!
±1.5% Accuracy Over Temperature
!
Reset Time Delay: 200ms
!
Power Supply Transient Immunity
!
Guaranteed Reset for VCC3
≥ 1V or VCC18 ≥ 1V
!
Active-Low Push/Pull Reset Output (AS1920)
!
Active-Low Open-Drain Reset Output (AS1922)
!
5-pin SOT23 Package
3 Applications
The devices are ideal for personal computers, note-
books, battery-powered systems, embedded controllers,
intelligent instruments, automotive systems, critical CPU
monitoring, and any multi-supply monitoring application.
Table 1. Standard Products
Model
Output Type
Supervisory Voltages
AS1920-18
Push/Pull
3V, 1.8V, Adjustable
AS1922-18
Open-Drain
3V, 1.8V, Adjustable
3V
System
Logic
1.8V
2.5V
AS1920/
AS1922
0.1µF
R1
130k
Ω
1%
R2
100k
Ω
1%
0.1µF
1
RESETN
3
VCCA
2
GND
4
VCC18
5
VCC3


Similar Part No. - AS1922

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1922 AMSCO-AS1922 Datasheet
341Kb / 2P
Triple-Voltage, Micro-Power Microprocessor Supervisory Circuits
AS1922 AMSCO-AS1922 Datasheet
733Kb / 15P
Triple-Voltage, Micro-Power Microprocessor Supervisory Circuits
AS1922-18 AMSCO-AS1922-18 Datasheet
341Kb / 2P
Triple-Voltage, Micro-Power Microprocessor Supervisory Circuits
AS1922-18-T AMSCO-AS1922-18-T Datasheet
733Kb / 15P
Triple-Voltage, Micro-Power Microprocessor Supervisory Circuits
More results

Similar Description - AS1922

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
Microprocessor Supervisory Circuits
Rev 2; 4/95
logo
ams AG
AS1920 AMSCO-AS1920 Datasheet
341Kb / 2P
Triple-Voltage, Micro-Power Microprocessor Supervisory Circuits
logo
Analog Devices
ADM691AARN-REEL7 AD-ADM691AARN-REEL7 Datasheet
344Kb / 12P
Microprocessor Supervisory Circuits
REV. 0
ADM695ANZ AD-ADM695ANZ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
ADM691ARZ AD-ADM691ARZ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
logo
Sipex Corporation
SP706REN-L SIPEX-SP706REN-L Datasheet
201Kb / 18P
Low Power Microprocessor Supervisory Circuits
logo
ams AG
AS1920 AMSCO-AS1920_07 Datasheet
733Kb / 15P
Triple-Voltage, Micro-Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP707EN-L SIPEX-SP707EN-L Datasheet
201Kb / 18P
Low Power Microprocessor Supervisory Circuits
logo
Shanghai Consonance Ele...
CN705 CONSONANCE-CN705 Datasheet
390Kb / 14P
Low Power Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com