Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1972 Datasheet(PDF) 9 Page - ams AG

Part # AS1972
Description  Low-Voltage Single/Dual/Quad Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1972 Datasheet(HTML) 9 Page - ams AG

Back Button AS1972 Datasheet HTML 5Page - ams AG AS1972 Datasheet HTML 6Page - ams AG AS1972 Datasheet HTML 7Page - ams AG AS1972 Datasheet HTML 8Page - ams AG AS1972 Datasheet HTML 9Page - ams AG AS1972 Datasheet HTML 10Page - ams AG AS1972 Datasheet HTML 11Page - ams AG AS1972 Datasheet HTML 12Page - ams AG AS1972 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
www.austriamicrosystems.com
Revision 1.02
9 - 18
AS1970
Data Sheet - Deta iled Description
8 Detailed Description
The AS1970 - AS1975 are single/dual/quad low-power, comparators. The devices operate with a supply voltage range
between 2.5 and 5.5V while consuming down to 8.5µA per comparator. Their common-mode input voltage range
extends 0.25V beyond each rail.
Internal hysteresis ensures clean output switching, even with slow input signals. Large internal output drivers allow rail-
to-rail output swing with up to 8mA loads.
The output stage design minimizes supply-current surges while switching, virtually eliminating the power supply tran-
sients typical. The AS1970/AS1972/AS1974 push/pull output stage sinks and sources current, wheras the AS1971/
AS1973/AS1975 open-drain output stage can be pulled beyond VCC to an absolute maximum of 5.5V > VEE.
Input Stage
The input common-mode voltage range extends from -0.25V to (VCC + 0.25V), and the comparators can operate at
any differential input voltage within this voltage range. Input bias (IB) current is 1.0pA (typ) if the input voltage is within
the common-mode voltage range.
Inputs are protected from over-voltage by internal ESD protection diodes connected to the supply rails. As the input
voltage exceeds the supply rails, these diodes become forward biased and begin to conduct and the bias currents
increase exponentially as the input voltage exceeds the supply rails.
Output Stage
The push/pull and open-drain output stages were designed to provide rail-to-rail operation with up to 8mA loads. Even
at loads of up to 8mA, the supply-current change during an output transition is extremely small (see Figure 4 on page
6). Figure 4 shows the minimal supply-current increase as the output switching frequency approaches 1MHz. This
characteristic eliminates the need for power-supply filter capacitors to reduce glitches created by comparator switching
currents.
Because of the unique design of its output stage, the AS1970 - AS1975 can dramatically increase battery life, even in
high-speed applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com