Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1972 Datasheet(PDF) 11 Page - ams AG

Part # AS1972
Description  Low-Voltage Single/Dual/Quad Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1972 Datasheet(HTML) 11 Page - ams AG

Back Button AS1972 Datasheet HTML 7Page - ams AG AS1972 Datasheet HTML 8Page - ams AG AS1972 Datasheet HTML 9Page - ams AG AS1972 Datasheet HTML 10Page - ams AG AS1972 Datasheet HTML 11Page - ams AG AS1972 Datasheet HTML 12Page - ams AG AS1972 Datasheet HTML 13Page - ams AG AS1972 Datasheet HTML 14Page - ams AG AS1972 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
www.austriamicrosystems.com
Revision 1.02
11 - 18
AS1970
Data Sheet - Ap p lica tio n In fo r m a tio n
4. Choose the trip point for VIN rising (VTHR) (see page 12). This is the threshold voltage at which the AS1970 -
AS1975 switches its output from low to high as VIN rises above the trip point. For this example, choose VTHR = 3V.
5. Calculate R2 as:
R2 = 1/[VTHR/(VREF x R1) - (1/R1) - (1/R3)]
(EQ 5)
Substituting the example values gives:
R2 = 1/[3.0V/(1.2V x 12k
Ω) - (1/12kΩ) - (1/1.2MΩ)] = 8.05kΩ
In this example, a standard 8.2k
Ω resistor should be used for R2.
6. Verify the trip voltages and hysteresis as:
VTHR = VREF x R1[(1/R1) + (1/R2) + (1/R3)]
(EQ 6)
VTHF = VTHR - (R1 x VCC/R3)(EQ 7)
Hysteresis = VTHR - VTHF
(EQ 8)
Hysteresis (AS1971/AS1973/AS1975)
The AS1971/AS1973/AS1975 have 3mV internal hysteresis. Their open-drain outputs require an external pullup resis-
tor (Figure 19), and additional hysteresis can be generated using positive feedback.
Figure 19. Additional Hysteresis AS1971/AS1973/AS1975
Resistor Selection Example
For the circuit shown in Figure 19, the following steps can be used to calculate values for R1, R2, R3, and R4:
1. Select R3 according to one of:
R3 = VREF/500µA
(EQ 9)
R3 = (VREF - VCC)/500µA - R4
(EQ 10)
Use the smaller of the two resulting resistor values.
2. Choose the hysteresis band required (VHB). For this example, use 50mV.
3. Calculate R1 as:
R1 = (R3 + R4)(VHB/VCC)(EQ 11)
4. Choose the trip point for VIN rising (VTHR) (see page 12). This is the threshold voltage at which the comparator
switches its output from low to high as VIN rises above the trip point.
5. Calculate R2 as:
R2 = 1/[VTHR /(VREF x R1) - (1/R1) - 1/(R3 + R4)]
(EQ 12)
6. Verify the trip voltages and hysteresis as follows:
VIN rising: VTHR = VREF x R1 x [1/R1 + 1/R2 + 1/(R3 + R4)]
(EQ 13)
VIN falling: VTHF = VREF x R1 x [1/R1 + 1/R2 + 1/(R3+R4)] - 1/(R3+R4) x VCC
(EQ 14)
Hysteresis = VTHR - VTHF
(EQ 15)
+
R3
VEE
VCC
–
VCC
R2
R4
R1
VREF
VIN
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com