Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1971 Datasheet(PDF) 7 Page - ams AG

Part # AS1971
Description  Low-Voltage Single/Dual/Quad Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1971 Datasheet(HTML) 7 Page - ams AG

Back Button AS1971 Datasheet HTML 3Page - ams AG AS1971 Datasheet HTML 4Page - ams AG AS1971 Datasheet HTML 5Page - ams AG AS1971 Datasheet HTML 6Page - ams AG AS1971 Datasheet HTML 7Page - ams AG AS1971 Datasheet HTML 8Page - ams AG AS1971 Datasheet HTML 9Page - ams AG AS1971 Datasheet HTML 10Page - ams AG AS1971 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
www.austriamicrosystems.com
Revision 1.02
7 - 18
AS1970
Data Sheet - Ty pi cal Operating Characte ristics
Figure 9. tPD+ vs. CLOAD; VCC = 3V, VOD = 50mV
Figure 10. tPD+ vs. CLOAD; VCC = 5V, VOD = 50mV
Figure 11. tPD+ vs. Temperature; VOD = 50mV
Figure 12. tPD+ vs. VOD
Figure 13. 1MHz Response; VOD = 50mV
Figure 14. Power-Up Delay; VOD = 50mV
200
250
300
350
400
450
0
200
400
600
800
1000
Capacitive Load (pF)
250
300
350
400
450
500
550
0
200
400
600
800
1000
Capacitive Load (pF)
To VOUT = 50% of Final Value
To VOUT = 10% of Final Value
To VOUT = 50% of Final Value
To VOUT = 10% of Final Value
200
300
400
500
600
0
40
80
120
160
200
Input Overdrive (mV)
240
250
260
270
280
290
-40
-20
0
20
40
60
80
100
Temperature (°C)
To VOUT = 50% of Final Value
To VOUT = 10% of Final Value
VCC = 5V
VCC = 2.7V
400ns/Div
4µs/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com