Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1971 Datasheet(PDF) 12 Page - ams AG

Part # AS1971
Description  Low-Voltage Single/Dual/Quad Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1971 Datasheet(HTML) 12 Page - ams AG

Back Button AS1971 Datasheet HTML 8Page - ams AG AS1971 Datasheet HTML 9Page - ams AG AS1971 Datasheet HTML 10Page - ams AG AS1971 Datasheet HTML 11Page - ams AG AS1971 Datasheet HTML 12Page - ams AG AS1971 Datasheet HTML 13Page - ams AG AS1971 Datasheet HTML 14Page - ams AG AS1971 Datasheet HTML 15Page - ams AG AS1971 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
www.austriamicrosystems.com
Revision 1.02
12 - 18
AS1970
Data Sheet - Ap p lica tio n In fo r m a tio n
Hysteresis Band
Internal hysteresis creates two trip points (shown in Figure 20): rising input voltage (VTHR) and falling input voltage
(VTHF). The area between the trip points is the hysteresis band (VHB). When the comparator input voltages are equiva-
lent, the hysteresis effectively causes one comparator input to move quickly past the other, thus taking the input out of
the region where oscillation occurs.
In Figure 20 REF has a fixed voltage applied and IN+ is varied. If the inputs are reversed the output will be inverted.
Figure 20. Threshold Hysteresis Band
Zero-Crossing Detector
Figure 21 shows the AS1970 in a zero-crossing detector circuit. The inverting input is connected to ground, and the
non-inverting input is connected to a 100mVp-p signal source. As the signal at the non-inverting input crosses 0V, the
signal at OUT changes states.
Figure 21. Zero-Crossing Detector
Logic Level Translator
The comparators can be used as a 5V/3V logic translator as shown in Figure 22. The circuit in Figure 22 converts 5V-
to 3V-logic levels, and provides the full 5V logic-swing without creating overvoltage on the 3V logic inputs. When the
comparator is powered by a 5V supply, RPULLUP for the open-drain output should be connected to the +3V supply volt-
age.
For 3V-to-5V logic-level translations, connect the +3V supply voltage to VCC and the +5V supply voltage to RPULLUP.
Figure 22. Logic Level Translator
IN+
OUT
VTHR
VTHF
REF
Thresholds
Hysteresis
Band
VHB
5
VEE
1
OUT
100mVp-p
AS1970
4
IN-
3
IN+
2
VCC
–
+
–
+
AS1971
RPullup
+5/+3V
Logic Out
+3/+5V
+5/+3V
Logic In
100k
Ω
100k
Ω
+3/+5V
4
IN-
5
VEE
3
IN+
1
OUT
2
VCC
–
+
–
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com