Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2525Q Datasheet(PDF) 18 Page - ams AG

Part # AS2525Q
Description  Single-Chip Handsfree Phone CMOS Integrated Circuit
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2525Q Datasheet(HTML) 18 Page - ams AG

Back Button AS2525Q Datasheet HTML 14Page - ams AG AS2525Q Datasheet HTML 15Page - ams AG AS2525Q Datasheet HTML 16Page - ams AG AS2525Q Datasheet HTML 17Page - ams AG AS2525Q Datasheet HTML 18Page - ams AG AS2525Q Datasheet HTML 19Page - ams AG AS2525Q Datasheet HTML 20Page - ams AG AS2525Q Datasheet HTML 21Page - ams AG AS2525Q Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Datasheet AS2525
austriamicrosystems
Revision 2.1
Page 18 of 27
Electrical Characteristics
Absolute maximum ratings
Positive Supply Voltage
-0.3
≤ V
DD ≤ 7V
Input Current
+/- 25 mA
Input Voltage (LS)
-0.3V
≤ V
IN ≤ 12V
Input Voltage (LI, CS)
-0.3V
≤ V
IN ≤ 8V
Input Voltage (STB, RI)
-2V
≤ V
IN ≤ VDD +0.3V
Digital Input Voltage
-0.3V
≤ V
IN ≤ VDD + 0.3V
Electrostatic Discharge
+/- 1000V
Storage Temperature Range
-65 to +125°C
Total Power Dissipation
500mW
* Exceeding these figures may cause permanent damage. Functional operation under these conditions is not permitted.
Recommended Operating Range
Symbol
Parameter
Conditions
Min.
Typ.*
Max.
Units
VDD
Supply Voltage (internally generated)
Speech mode
3.0
5.0
V
TAMB
Ambient Operating Temp. Range
-25
+70
°C
fOSC
Oscillator Frequency
Resonator: Murata CSA 3.58M
G312AM
3.58
MHz
* Typical figures are at 25°C and are for design aid only; not guaranteed and not subject to production testing.
DC Characteristics
(ILINE = 15 mA, recommended operating conditions unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
IDD
Operating Supply Current
Speech mode
Handsfree mode
LD dialing, VDD = 2.5V
Ring mode, VDD = 2.5V
4
11
200
300
6
13
mA
mA
µA
µA
IDD-EXT
Available Supply Current for
Peripheral Circuits
Speech mode or MF dialing
2mA
IDD0
Idle Current
Idle mode, VDD = 2 V, TAMB = 25°C
2µA
VLI
Line Voltage, LIVolt = 0
Line Voltage, LIVolt = 1
13 mA< ILINE < 100 mA
3.2
4.2
3.5
4.5
3.8
4.8
V
V
IOL
Output Current, Sink
Pin CS, SS
VOL = 0.4V
1
mA
VIL
Input Low Voltage
TAMB = 25°C
VSS
0.3 VDD
V
VIH
Input High Voltage
TAMB = 25°C
0.7 VDD
VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com