Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2525Q Datasheet(PDF) 4 Page - ams AG

Part # AS2525Q
Description  Single-Chip Handsfree Phone CMOS Integrated Circuit
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2525Q Datasheet(HTML) 4 Page - ams AG

  AS2525Q Datasheet HTML 1Page - ams AG AS2525Q Datasheet HTML 2Page - ams AG AS2525Q Datasheet HTML 3Page - ams AG AS2525Q Datasheet HTML 4Page - ams AG AS2525Q Datasheet HTML 5Page - ams AG AS2525Q Datasheet HTML 6Page - ams AG AS2525Q Datasheet HTML 7Page - ams AG AS2525Q Datasheet HTML 8Page - ams AG AS2525Q Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Datasheet AS2525
austriamicrosystems
Revision 2.1
Page 4 of 27
Pin #
Symbol
Type
Description
43
DO
DO
Data Output
Data output of 3-wire bus.
A 100 k
Ω resistor connected from this pin to VSS enables key locking.
If signal is not activated, a pull down resistor (100 k
Ω) is inserted.
44
CS1
DO
Chip Select 1
Chip select signal for external EEPROM.
If signal is not activated, a pull down resistor (100 k
Ω) is inserted.
DI:
Digital Input
DO:
Digital Output
DI/O:
Digital Input/Output
AI:
Analogue Input
AO:
Analogue Output
AI/O:
Analogue Input/output
Basic Definitions
Password is set to 0123 and is used to access basic
parameter settings (see Table 3: Parameter settings). The
set-up programming is normally done in the factory during
manufacturing of the telephone sets. The factory settings
can be loaded into the EEPROM (see Figure 3: Memory
allocation for external EEPROM).
PIN code is default set to 1111 and is used by the user to
protect certain user settings (see Table 5: User
programming with PIN code). The PIN code can be
changed by the user.
Default settings are shown in bold.
Program procedures are entered with the [PG] key.
Pressing any invalid key or going on-hook during
programming will abort the program mode and no changes
will be stored. Ending a program procedure by pressing the
[PG] key will store the changes and exit the program mode.
Keyboard Layout
C4
C3
C2
C1
4
2
0
7
5
3
∗∗∗∗
8
69
MR
R/P
FL
M5
1
M6
PG
V+
M7
V-
M8
#
M1
M2
M3
M4
SH
R1
R2
R3
MT
Figure 1: Keyboard Layout
Maximum RON for key closure: 1 k
Ω
Minimum ROFF for open key: 1 M
Ω
See “Table 1: Key definitions” for description of key
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com