Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3527AFCTR Datasheet(PDF) 1 Page - ams AG

Part # AS3527AFCTR
Description  Advanced Audio Processor System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3527AFCTR Datasheet(HTML) 1 Page - ams AG

  AS3527AFCTR Datasheet HTML 1Page - ams AG AS3527AFCTR Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.austriamicrosystems.com (ptr)
Revision 1.0
1 - 2
ProductBrief
AS3665
9 Channel Advanced Command Driven RGB/White LED Driver
1 General Description
The AS3665 is a capacitive low noise charge pump with
9 current sources. The charge pump automatically
switches between 1:1 and 1:1.5 modes. The connected
current sources have a very low voltage compliance to
improve efficiency of the whole system. Three current
sources have the possibility to operate either from VBAT
or VCP (especially useful for red LEDs).
The internal control is done by command based pattern
generators implemented by three sequencers. These
commands are optimized for lighting applications (e.g.
ramp up brightness logarithmically). It includes high
level commands like conditionals jumps and variables.
Any of the three sequencers can be dynamically
mapped to any of the 9 PWM generators for the LEDs.
The AS3665 supports an audio input and sophisticated
light patterns can be controlled by internal digital filters.
The AS3665 is controlled by I
2C mode. Synchronization
over several AS3665 is possible by the TRIG pin.
The AS3665 is available in a space-saving WL-CSP-25
(2.5x2.5mm) 0.5mm pitch and operates over the -30ºC
to +85ºC temperature range.
Figure 1. Typical Operating Circuit
2 Key Features
High efficiency capacitive 150mA charge pump with
1:1, 1:1.5 and 1:2 modes with automatic mode
switching; 1:2 mode can be disabled
9 Channel High Side 20mA Current sources
- Less than 50mV at 10mA dropout voltage
- LED7,8,9 either powered by VBAT or VCP
Advanced Command based Pattern Generator
- 96 x 16 bits program memory
- Dedicated lighting commands like logarithmic fade
- Programming control and conditional jumps
Audio Controlled Lighting with internal digital filters
3 Sequencers
- Dynamically mapped to 9 PWM generators
- Internal/External Synchronization
9 PWM generators (12 bit resolution)
- Automatic RGB Color Correction by TAMB
I
2C interface with dedicated EN pin
Available in WL-CSP-25 (2.5x2.5mm) 0.5mm pitch
3 Applications
RGB/White Fun or Event LED for mobile phones or por-
table devices; Lighting Management Unit

 
  
!
" "#$%&
!'#&!
$$#
#$ (
) $
*#&
+#& #,$ #
-.
/02
23
45/#2
23
45/#2
/02
!
 &#
) 
) 
) 6
) 4
) 
) 7
) 5
) 8
) 9

:
;
:
;
<
)
=6=
>"<
" ?. "-@"
<-
>
 
 
/02
>
>
AS3665


Similar Part No. - AS3527AFCTR

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3520 AMSCO-AS3520 Datasheet
76Kb / 2P
Advanced Audio Decoder
logo
AMETHERM Circuit Protec...
AS3520010 AMETHERM-AS3520010 Datasheet
31Kb / 1P
Resistance @ 25째c
AS3520010 AMETHERM-AS3520010 Datasheet
244Kb / 3P
I N R U S H C U R R E N T L I M I T E R S
logo
ams AG
AS3521B AMSCO-AS3521B Datasheet
189Kb / 3P
Advanced Audio Decoder
logo
General Semiconductor
AS3524 GE-AS3524 Datasheet
115Kb / 2P
PASSIVATED ANISOTROPIC RECTIFIER TECHNOLOGY
More results

Similar Description - AS3527AFCTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX826 ETC1-MX826 Datasheet
328Kb / 13P
AMPS/NAMPS SYSTEM AUDIO PROCESSOR
logo
ams AG
AS3517 AMSCO-AS3517 Datasheet
227Kb / 3P
Stereo Audio Codec with advanced System Power Management
logo
Cirrus Logic
CS4237B CIRRUS-CS4237B Datasheet
1Mb / 114P
CrystalClear Advanced Audio System with 3D Sound
logo
YAMAHA CORPORATION
YSS944 YAMAHA-YSS944 Datasheet
906Kb / 34P
ADAMB Advanced Digital Audio Multi channel decode processor
logo
ams AG
AS3524 AMSCO-AS3524 Datasheet
2Mb / 124P
Advanced Audio Processor System
AS3525 AMSCO-AS3525 Datasheet
3Mb / 194P
Advanced Audio Processor System
logo
CML Microcircuits
FX816 CMLMICRO-FX816 Datasheet
378Kb / 12P
NMT SYSTEM AUDIO PROCESSOR
FX826 CMLMICRO-FX826 Datasheet
430Kb / 13P
AMPS / TACS SYSTEM AUDIO PROCESSOR
FX836 CMLMICRO-FX836 Datasheet
370Kb / 12P
RADIOCOM 2000 SYSTEM AUDIO PROCESSOR
logo
Analog Devices
ADAV4601 AD-ADAV4601 Datasheet
1Mb / 60P
Audio Processor for Advanced TV
Rev. B
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com