Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5030ATSU Datasheet(PDF) 12 Page - ams AG

Part # AS5030ATSU
Description  8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030ATSU Datasheet(HTML) 12 Page - ams AG

Back Button AS5030ATSU Datasheet HTML 8Page - ams AG AS5030ATSU Datasheet HTML 9Page - ams AG AS5030ATSU Datasheet HTML 10Page - ams AG AS5030ATSU Datasheet HTML 11Page - ams AG AS5030ATSU Datasheet HTML 12Page - ams AG AS5030ATSU Datasheet HTML 13Page - ams AG AS5030ATSU Datasheet HTML 14Page - ams AG AS5030ATSU Datasheet HTML 15Page - ams AG AS5030ATSU Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
AS5030 8-bit Programmable Magnetic Rotary Encoder
Rev. 1.8
www.austriamicrosystems.com
Page 12 of 33
4.18 1-Wire PWM Connection
This configuration uses the least number of wires: only one line
(PWM) is used for data, leaving the total number of connection
to three, including the supply lines. This type of configuration
is especially useful for remote sensors.
Ultra Low Power Mode is not possible in this configuration, as
there is no bi-directional data transmission.
If the AS5030 angular data is invalid, the PWM output will
remain at low state. Pins that are not shown may be left open.
Note that the PWM output is invalid when the AGC is disabled
(see 5.2.2).
Figure 13: Data transmission with pulse width modulated (PWM) output
The minimum PWM pulse width tON (PWM = high) is 1 LSB @ 0° (Angle reading = 00H).
1LSB = nom. 2.26µs.
The PWM pulse width increases with 1LSB per step. At the maximum angle 358.6° (Angle reading = FFH),
the pulse width tON (PWM = high) is 256 LSB and the pause width tOFF (PWM = low) is 1 LSB.
This leads to a total period (tON + tOFF) of 257LSB.
Position
Angle
High
t_high
Low
t_low
Duty-Cycle
0
0°
1
2.26µs
256
578.56µs
0.39%
127
178.59
128
287.02µs
129
291.54µs
49.4%
128
180°
129
291.54µs
128
287.02µs
50.2%
255
358.59°
256
578.56µs
1
2.26µs
99.6%
This means that the PWM pulse width is (position + 1) LSB, where position is 0….255.
The tolerance of the absolute pulse width and -frequency can be eliminated by calculating the angle with the duty cycle rather
than with the absolute pulse width:
[]
1
257
8
−
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
=
−
OFF
ON
ON
t
t
t
bit
angle
results in an 8-bit value from 00H to FFH,
[]
⎥
⎦
⎤
⎢
⎣
⎡
−
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
=
°
1
257
256
360
OFF
ON
ON
t
t
t
angle
results in a degree value from 0° ~ 358.6°
Note: the absolute frequency tolerance is eliminated by dividing tON by (tON+TOFF), as the change of the absolute timing effects
both TON and TOFF in the same way.
AS5030
Micro
Controller
100n
CS
PWM
+5V
VDD
VSS
VSS
C2
VDD
VDD
13
11
16
15
C1
VSS
3
14
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com