Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5030ATSU Datasheet(PDF) 21 Page - ams AG

Part # AS5030ATSU
Description  8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030ATSU Datasheet(HTML) 21 Page - ams AG

Back Button AS5030ATSU Datasheet HTML 17Page - ams AG AS5030ATSU Datasheet HTML 18Page - ams AG AS5030ATSU Datasheet HTML 19Page - ams AG AS5030ATSU Datasheet HTML 20Page - ams AG AS5030ATSU Datasheet HTML 21Page - ams AG AS5030ATSU Datasheet HTML 22Page - ams AG AS5030ATSU Datasheet HTML 23Page - ams AG AS5030ATSU Datasheet HTML 24Page - ams AG AS5030ATSU Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
AS5030 8-bit Programmable Magnetic Rotary Encoder
Rev. 1.8
www.austriamicrosystems.com
Page 21 of 33
Examples of the overall position error caused by speed, including both propagation delay and filter delay:
Speed (rpm)
Total Position error
(Δφpd + Δφlpf)
100
0.0175°
1000
0.175°
10000
1.75°
8 Reduced Power Modes
The AS5030 can be operated in 3 reduced power modes. All 3 modes have in common that they switch off or freeze parts of the
chip during intervals between measurements. In Low Power Mode or Ultra Low Power Mode, the AS5030 is not operational, but
due to the fast start-up, an angle measurement can be accomplished very quickly and the chip can be switched to reduced
power immediately after a valid measurement has been taken. Depending on the intervals between measurements, very low
average power consumption can be achieved using such a strobed measurement mode.
•
Low Power Mode:
reduced current consumption, very fast start-up. Ideal for short sampling intervals
(<3ms)
•
Ultra Low Power Mode:
further reduced current consumption, but slower start-up than Low Power Mode. Ideal
for sampling intervals from 3….200ms
•
Power Cycle mode:
zero power consumption (externally switched off) during sampling intervals, but
slower start-up than Ultra Low Power Mode. Ideal for sampling intervals 200ms
8.1
Low Power Mode and Ultra Low Power Mode
The AS5030 can be put in Low Power Mode or Ultra
Low Power Mode by simple serial commands, using
the regular connection for 2-wire or 3-wire serial
data transmission (Figure 4 , Figure 8)
The required serial command is SET PWR MODE
(11H, see 5.2.3):
Figure 25: Low Power Mode and Ultra Low Power Mode
connection
Note that after returning from Low Power Mode or Ultra Low Power mode to normal operation (PSM = 0), if the Hysteresis is
enabled (Hys=0), a general reset must be performed: set bit RST and then clear bit RST using command 15H (see 5.2.2).
The two following cases describe the typical loop programmed in the software:
•
Hys = 0 (1 LSB hysteresis):
1.
Wait for CPU interrupt or delay for next angle read (typ. <3ms in LP mode, typ>3ms in ULP mode)
2.
Wake up (PSM = 0)
3.
Set Reset (rst = 1)
4.
Clear Reset (rst = 0)
5.
Wait 0.15ms (Low Power Mode) or 0.5ms (Ultra Low Power Mode)
6.
Check if Lock = 1 then read angle
7.
Enable Low Power Mode or Ultra Low Power Mode (PSM=1)
8.
Return to 1
•
Hys = 1 (No hysteresis)
1.
Wait for CPU interrupt or delay for next angle read (typ. <3ms in LP mode, typ>3ms in ULP mode)
2.
Wake up (PSM = 0)
3.
Wait 0.15ms (Low Power Mode) or 0.5ms (Ultra Low Power Mode)
4.
Check if Lock = 1 then read angle
5.
Enable Low Power Mode or Ultra Low Power Mode (PSM=1)
6.
Return to 1.
ULP/LPn
PSM
Mode
0
0
Normal operation
0
1
Low Power Mode
1
0
Normal operation
1
1
Ultra Low Power Mode
AS5030
Micro
Controller
100n
CS
CLK
DIO
+5V
VDD
VSS
VSS
VSS
VDD
VDD
on/off
S
N
ton
toff
Ion
Ioff
C1 C2
R1: optional;
see text
C1:
optional;
see text



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com