Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5030ATST Datasheet(PDF) 7 Page - ams AG

Part # AS5030ATST
Description  8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030ATST Datasheet(HTML) 7 Page - ams AG

Back Button AS5030ATST Datasheet HTML 3Page - ams AG AS5030ATST Datasheet HTML 4Page - ams AG AS5030ATST Datasheet HTML 5Page - ams AG AS5030ATST Datasheet HTML 6Page - ams AG AS5030ATST Datasheet HTML 7Page - ams AG AS5030ATST Datasheet HTML 8Page - ams AG AS5030ATST Datasheet HTML 9Page - ams AG AS5030ATST Datasheet HTML 10Page - ams AG AS5030ATST Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
AS5030 8-bit Programmable Magnetic Rotary Encoder
Rev. 1.8
www.austriamicrosystems.com
Page 7 of 33
4.7
Programming parameters
PARAMETER
SYMBOL
MIN
MAX
UNIT
NOTE
Programming Voltage
VPROG
8.0
8.5
V
static voltage at pin PROG
Programming Current
IPROG
100
mA
programming ambient
temperature
TambPROG
0
85
°C
during programming
Programming time
tPROG
2
4
µs
timing is internally generated
VR,prog
0.5
Analog readback voltage
VR,unprog
2.2
3.5
V
during Analog Readback mode at pin PROG
4.8
DC Characteristics of Digital Inputs and Outputs
Parameter
Symbol
Min
Typ
Max
Unit
Note
CMOS Inputs: CLK, CS, DIO, C1, C2
High level input voltage
VIH
0.7*VDD
V
Low level input voltage
VIL
0.3*VDD
V
Input leakage current
ILEAK
1
µA
CMOS Outputs: DIO, MagRngn, PWM, DX
High level output voltage
VOH
VDD-0.5
V
source current <4mA
Low level output voltage
VOL
0.4
V
sink current <4mA
Capacitive load
CL
35
pF
CMOS Tristate Output: DIO
Tristate leakage current
IOZ
1
µA
CS = low
4.9
8-bit PWM Output
Parameter
SYMBOL
MIN
TYP
MAX
UNIT
NOTE
8
bit
PWM resolution
NPWM
2
µs/step
PWM pulse width
PWMIN
1.66
2.26
2.85
µs
angle = 0° (00H)
PWM pulse width
PWMAX
427
578
731
µs
angle = 358.6° (FFH)
PWM period
PWP
428
581
734
µs
over full temperature
range1)
PWM frequency
fPWM
1.72
kHz
=1 / PWM period
Digital hysteresis2)
Hyst
1
bit
at change of rotation direction
Notes:
1) The tolerance of the absolute PWM pulse width and frequency can be eliminated by using the duty cycle tON/(tON+tOFF) for
angle measurement; see 4.18.
2) Hysteresis may be temporarily disabled by software: see 5.2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com