Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5030ATST Datasheet(PDF) 1 Page - ams AG

Part # AS5030ATST
Description  8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030ATST Datasheet(HTML) 1 Page - ams AG

  AS5030ATST Datasheet HTML 1Page - ams AG AS5030ATST Datasheet HTML 2Page - ams AG AS5030ATST Datasheet HTML 3Page - ams AG AS5030ATST Datasheet HTML 4Page - ams AG AS5030ATST Datasheet HTML 5Page - ams AG AS5030ATST Datasheet HTML 6Page - ams AG AS5030ATST Datasheet HTML 7Page - ams AG AS5030ATST Datasheet HTML 8Page - ams AG AS5030ATST Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Rev. 1.8
www.austriamicrosystems.com
Page 1 of 33
1 General Description
The AS5030 is a contactless magnetic rotary encoder for
accurate angular measurement over a full turn of 360°.
It is a system-on-chip, combining integrated Hall elements,
analog front end and digital signal processing in a single
device.
To measure the angle, only a simple two-pole magnet,
rotating over the center of the chip is required.
The absolute angle measurement provides instant indication
of the magnet’s angular position with a resolution of 8 bit =
256 positions per revolution. This digital data is available as
a serial bit stream and as a PWM signal.
In addition to the angle information, the strength of the
magnetic field is also available as a 6-bit code.
Data transmission can be configured for 1-wire (PWM), 2-
wires (CLK, DIO) or 3-wires (CLK, DIO, CS).
A software programmable (OTP) zero position simplifies
assembly as the zero position of the magnet does not need
to be mechanically aligned.
A Power Down Mode together with fast startup- and
measurement cycles allows for very low average power
consumption and makes the AS5030 also suitable for battery
operated equipment.
Figure 1: Typical arrangement of AS5030 and magnet
1.1
Benefits
Complete system-on-chip, no calibration
required
Flexible system solution provides absolute serial
and PWM output
Ideal for applications in harsh environments due to
magnetic sensing principle
High reliability due to non-contact sensing
Robust system, tolerant to horizontal misalignment,
airgap variations, temperature variations and
external magnetic fields
1.2
Key Features
360°contactless angular position encoding
Two digital 8-bit absolute outputs:
- Serial interface and
- Pulse width modulated (PWM) output
User programmable zero position
High speed: up to 30,000 rpm
Direct measurement of magnetic field strength
allows exact determination of vertical magnet
distance
Serial read-out of multiple interconnected
AS5030 devices using daisy chain mode
Wide magnetic field input range: 20 ~ 80mT
Wide temperature range: - 40°C to + 125°C
Small Pb-free package: TSSOP 16
1.3
Applications
Contactless rotary position sensing
Rotary switches (human machine interface)
AC/DC motor position control
Robotics
Encoder for battery operated equipment
1.4
Block Diagram
Figure 2: AS5030 block diagram
DATA SHEET
tracking ADC
& Angle
decoder
Hall Array
&
Frontend
Amplifier
power management
OTP
Absolute
Serial
Interface
(SSI)
DIO
PWM
CLK
PROG
CS
PWM
Decoder
Cos
Sin
AGC
DX
C2
Mag
Zero
Pos.
AGC
Angle
MagRngn
Sin / Sinn / Cos / Cosn
AS5030
8 BIT PROGRAMMABLE HIGH SPEED
MAGNETIC ROTARY ENCODER


Similar Part No. - AS5030ATST

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5030 AMSCO-AS5030 Datasheet
283Kb / 3P
8-BIT PROGRAMMABLE HIGH SPEED ABSOLUTE MAGNETIC ROTARY ENCODER
AS5030 AMSCO-AS5030 Datasheet
891Kb / 44P
8-Bit Programmable High Speed Magnetic Rotary Encoder
AS5030-ATST AMSCO-AS5030-ATST Datasheet
891Kb / 44P
8-Bit Programmable High Speed Magnetic Rotary Encoder
AS5030-ATSU AMSCO-AS5030-ATSU Datasheet
891Kb / 44P
8-Bit Programmable High Speed Magnetic Rotary Encoder
AS5030 AMSCO-AS5030_07 Datasheet
891Kb / 44P
8-Bit Programmable High Speed Magnetic Rotary Encoder
More results

Similar Description - AS5030ATST

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5045 AMSCO-AS5045 Datasheet
506Kb / 24P
12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
AS5030 AMSCO-AS5030 Datasheet
283Kb / 3P
8-BIT PROGRAMMABLE HIGH SPEED ABSOLUTE MAGNETIC ROTARY ENCODER
AS5134 AMSCO-AS5134 Datasheet
1Mb / 29P
360 Step Programmable High Speed Magnetic Rotary Encoder
AS5145 AMSCO-AS5145 Datasheet
1Mb / 36P
12-Bit Programmable Magnetic Rotary Encoder
AS5045_V1 AMSCO-AS5045_V1 Datasheet
589Kb / 33P
12 Bit Programmable Magnetic Rotary Encoder
logo
List of Unclassifed Man...
AS5145H ETC2-AS5145H Datasheet
425Kb / 36P
12-Bit Programmable Magnetic Rotary Encoder
logo
ams AG
AS5030 AMSCO-AS5030_07 Datasheet
891Kb / 44P
8-Bit Programmable High Speed Magnetic Rotary Encoder
AS5045 AMSCO-AS5045_10 Datasheet
1Mb / 34P
12 Bit Programmable Magnetic Rotary Encoder
AS5132 AMSCO-AS5132 Datasheet
481Kb / 27P
360 Step Programmable High Speed Magnetic Rotary Encoder
AS5145H AMSCO-AS5145H Datasheet
425Kb / 36P
12-Bit Programmable Magnetic Rotary Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com