Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5040 Datasheet(PDF) 13 Page - ams AG

Part # AS5040
Description  10Bit 360 Programmable Magnetic Rotary Encoder
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5040 Datasheet(HTML) 13 Page - ams AG

Back Button AS5040 Datasheet HTML 9Page - ams AG AS5040 Datasheet HTML 10Page - ams AG AS5040 Datasheet HTML 11Page - ams AG AS5040 Datasheet HTML 12Page - ams AG AS5040 Datasheet HTML 13Page - ams AG AS5040 Datasheet HTML 14Page - ams AG AS5040 Datasheet HTML 15Page - ams AG AS5040 Datasheet HTML 16Page - ams AG AS5040 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
AS5040
Data Sheet
www.austriamicrosystems.com
Revision 2.10
13 - 33
Figure 8: Incremental Output Modes
Counterclockwise ccw
A
B
Step / Dir-Mode
Quad A/B-Mode
Index=0
1LSB
Index=1
3 LSB
Index
Mechanical
Zero Position
LSB
Dir
Rotation Direction
Change
CSn
t Incremental outputs valid
t Dir valid
Hyst =
2 LSB
Clockwise cw
Mechanical
Zero Position
Incremental Power-up Lock Option
After power-up, the incremental outputs can optionally be locked or unlocked, depending on the status of the CSn pin:
CSn = low at power-up:
CSn has an internal pull-up resistor and must be externally pulled low (Rext ≤ 5kΩ). If Csn is low at power-up,
the incremental outputs (A, B, Index) will be high until the internal offset compensation is finished.
This unique state (A=B=Index = high) may be used as an indicator for the external controller to shorten the
waiting time at power-up. Instead of waiting for the specified maximum power up-time (0), the controller can
start requesting data from the AS5040 as soon as the state (A=B=Index = high) is cleared.
CSn = high or open at power-up:
In this mode, the incremental outputs (A, B, Index) will remain at logic high state, until CSn goes low or a low
pulse is applied at CSn. This mode allows intentional disabling of the incremental outputs until for example the
system microcontroller is ready to receive data.
Incremental Output Hysteresis
To avoid flickering incremental outputs at a stationary magnet position, a hysteresis is introduced.
In case of a rotational direction change, the incremental outputs have a hysteresis of 2 LSB.
Regardless of the programmed incremental resolution, the hysteresis of 2 LSB always corresponds to the highest
resolution of 10 bit. In absolute terms, the hysteresis is set to 0.704 degrees for all resolutions.
For constant rotational directions, every magnet position change is indicated at the incremental outputs (see
Figure 9). If for example the magnet turns clockwise from position „x+3“ to „x+4“, the incremental output would also
indicate this position accordingly.
A change of the magnet’s rotational direction back to position „x+3“ means, that the incremental output still remains
unchanged for the duration of 2 LSB, until position „x+2“ is reached. Following this direction, the incremental outputs
will again be updated with every change of the magnet position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com