Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5040 Datasheet(PDF) 1 Page - ams AG

Part # AS5040
Description  10Bit 360 Programmable Magnetic Rotary Encoder
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5040 Datasheet(HTML) 1 Page - ams AG

  AS5040 Datasheet HTML 1Page - ams AG AS5040 Datasheet HTML 2Page - ams AG AS5040 Datasheet HTML 3Page - ams AG AS5040 Datasheet HTML 4Page - ams AG AS5040 Datasheet HTML 5Page - ams AG AS5040 Datasheet HTML 6Page - ams AG AS5040 Datasheet HTML 7Page - ams AG AS5040 Datasheet HTML 8Page - ams AG AS5040 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
www.austriamicrosystems.com
Revision 2.10
1 - 33
1
General Description
The AS5040 is a contactless magnetic rotary encoder
for accurate angular measurement over a full turn of
360°. It is a system-on-chip, combining integrated Hall
elements, analog front end and digital signal processing
in a single device.
To measure the angle, only a simple two-pole magnet,
rotating over the center of the chip, is required. The
magnet may be placed above or below the IC.
The absolute angle measurement provides instant
indication of the magnet’s angular position with a
resolution of 0.35° = 1024 positions per revolution. This
digital data is available as a serial bit stream and as a
PWM signal.
Furthermore, a user-programmable incremental output
is available, making the chip suitable for replacement of
various optical encoders.
An internal voltage regulator allows the AS5040 to
operate at either 3.3 V or 5 V supplies.
Figure 1: Typical Arrangement of AS5040 and Magnet
Benefits
Complete system-on-chip
Flexible system solution provides absolute,
PWM and incremental outputs simultaneously
Ideal for applications in harsh environments
due to contactless position sensing
Tolerant to magnet misalignment and airgap
variations
No temperature compensation necessary
No calibration required
2
Key Features
Contactless high resolution rotational position
encoding over a full turn of 360 degrees
Two digital 10bit absolute outputs:
- Serial interface and
- Pulse width modulated (PWM) output
Three incremental output modes:
- Quadrature A/B and Index output signal
- Step / Direction and Index output signal
- 3-phase commutation for brushless DC
motors
- 10, 9, 8 or 7 bit user programmable
resolution
User programmable zero / index position
Failure detection mode for magnet placement
monitoring and loss of power supply
Rotational speeds up to 30,000 rpm
Push button functionality detects movement
of magnet in Z-axis
Serial read-out of multiple interconnected
AS5040 devices using Daisy Chain mode
Wide temperature range: - 40°C to + 125°C
Fully automotive qualified to AEC-Q100,
grade 1
Small Pb-free package: SSOP 16 (5.3mm x
6.2mm)
3
Applications
Industrial applications:
- Contactless rotary position sensing
- Robotics
- Brushless DC motor commutation
- Power tools
Automotive applications:
- Steering wheel position sensing
- Gas pedal position sensing
- Transmission gearbox encoder
- Headlight position control
- Power seat position indicator
Office equipment: printers, scanners, copiers
Replacement of optical encoders
Front panel rotary switches
Replacement of potentiometers
AS5040
10Bit 360° Programmable Magnetic Rotary Encoder
Data Sheet


Similar Part No. - AS5040

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5040 AMSCO-AS5040 Datasheet
653Kb / 28P
10 BIT 360째 PROGRAMMABLE MAGNETIC ROTARY ENCODER
AS5040 AMSCO-AS5040 Datasheet
1Mb / 34P
10Bit 360 Programmable Magnetic Rotary Encoder
logo
List of Unclassifed Man...
AS5040-ASST ETC2-AS5040-ASST Datasheet
1Mb / 34P
10Bit 360 Programmable Magnetic Rotary Encoder
logo
ams AG
AS5040 AMSCO-AS5040_09 Datasheet
1Mb / 34P
10Bit 360 Programmable Magnetic Rotary Encoder
More results

Similar Description - AS5040

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5045 AMSCO-AS5045 Datasheet
506Kb / 24P
12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
AS5134 AMSCO-AS5134 Datasheet
1Mb / 29P
360 Step Programmable High Speed Magnetic Rotary Encoder
AS5140H AMSCO-AS5140H Datasheet
988Kb / 37P
10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5045_V1 AMSCO-AS5045_V1 Datasheet
589Kb / 33P
12 Bit Programmable Magnetic Rotary Encoder
AS5040 AMSCO-AS5040_09 Datasheet
1Mb / 34P
10Bit 360 Programmable Magnetic Rotary Encoder
AS5132 AMSCO-AS5132 Datasheet
481Kb / 27P
360 Step Programmable High Speed Magnetic Rotary Encoder
AS5134 AMSCO-AS5134_04 Datasheet
2Mb / 33P
360 Step Programmable High Speed Magnetic Rotary Encoder
AS5140H AMSCO-AS5140H_04 Datasheet
2Mb / 38P
10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5145H AMSCO-AS5145H Datasheet
425Kb / 36P
12-Bit Programmable Magnetic Rotary Encoder
logo
List of Unclassifed Man...
AS5040-ASST ETC2-AS5040-ASST Datasheet
1Mb / 34P
10Bit 360 Programmable Magnetic Rotary Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com