Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5145B Datasheet(PDF) 4 Page - ams AG

Part # AS5145B
Description  12-Bit Programmable Magnetic Rotary Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5145B Datasheet(HTML) 4 Page - ams AG

  AS5145B Datasheet HTML 1Page - ams AG AS5145B Datasheet HTML 2Page - ams AG AS5145B Datasheet HTML 3Page - ams AG AS5145B Datasheet HTML 4Page - ams AG AS5145B Datasheet HTML 5Page - ams AG AS5145B Datasheet HTML 6Page - ams AG AS5145B Datasheet HTML 7Page - ams AG AS5145B Datasheet HTML 8Page - ams AG AS5145B Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
www.austriamicrosystems.com/AS5145
Revision 1.10
4 - 36
AS5145
Data Sheet - P i n A s s i g n m e n t s
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
4.1 Pin Descriptions
The following SSOP16 shows the description of each pin of the standard SSOP16 package (Shrink Small Outline Package, 16 leads, body size:
5.3mm x 6.2mmm; (see Figure 2).
Table 1. Pin Descriptions
Pin Number
Pin Name
Description
1MagINCn
Magnet Field Magnitude INCrease; active low, indicates a distance reduction between the
magnet and the device surface. (see Table 9)
2MagDECn
Magnet Field Magnitude DECrease; active low, indicates a distance increase between the
device and the magnet. (see Table 9)
3
DTest1_A
Test output in default mode
4
DTest2_B
Test output in default mode
5NC
Must be left unconnected
6
Mode_Index
Select between slow (open, low: VSS) and fast (high) mode. Internal pull-down resistor
(~10k
Ω).
7VSS
Negative Supply Voltage (GND)
8PDIO
OTP Programming Input and Data Input for Daisy Chain mode. Internal pull-down resistor
(~74k
Ω).
Connect to VSS if not used
9DO
Data Output of
Synchronous Serial Interface
10
CLK
Clock Input of
Synchronous Serial Interface; Schmitt-Trigger input
11
CSn
Chip Select, active low; Schmitt-Trigger input, internal pull-up resistor (~50k
Ω)
12
PWM
Pulse Width Modulation of approximately. 244Hz; 1µs/step
(optional 122Hz; 2µs/step)
13
NC
Must be left unconnected
1
2
3
4
5
6
7
8
12
16
15
14
13
MagDECn
PDIO
VSS
MagINCn
DTest1_A
DTest1_B
NC
Mode_Index
VDD3V3
VDD5V
NC
CSn
DO
CLK
11
10
9
NC
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com