Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5145B Datasheet(PDF) 5 Page - ams AG

Part # AS5145B
Description  12-Bit Programmable Magnetic Rotary Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5145B Datasheet(HTML) 5 Page - ams AG

  AS5145B Datasheet HTML 1Page - ams AG AS5145B Datasheet HTML 2Page - ams AG AS5145B Datasheet HTML 3Page - ams AG AS5145B Datasheet HTML 4Page - ams AG AS5145B Datasheet HTML 5Page - ams AG AS5145B Datasheet HTML 6Page - ams AG AS5145B Datasheet HTML 7Page - ams AG AS5145B Datasheet HTML 8Page - ams AG AS5145B Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
www.austriamicrosystems.com/AS5145
Revision 1.10
5 - 36
AS5145
Data Sheet - P i n A s s i g n m e n t s
Pin 1 and 2 are the magnetic field change indicators, MagINCn and MagDECn (magnetic field strength increase or decrease through variation of
the distance between the magnet and the device). These outputs can be used to detect the valid magnetic field range. Furthermore those
indicators can also be used for contact-less push-button functionality.
Pin 3 and 4 are multi function pins for sync mode, sin/cosine mode and incremental mode.
Pin 6 Mode_Index allows switching between filtered (slow) and unfiltered (fast mode). In incremental mode, the pin changes from input to output
and provides the index pulse information. A change of the Mode during operation is not allowed. The setup must be constant during power up
and during operation.
Pins 7, 15, and 16 are supply pins, pins 5, 13, and 14 are for internal use and must not be connected.
Pin 8 (PDIO) is used to program the zero-position into the OTP(see page 19). This pin is also used as digital input to shift serial data through the
device in Daisy Chain configuration, (see page 14).
Pin 11 Chip Select (CSn; active low) selects a device within a network of AS5145 encoders and initiates serial data transfer. A logic high at CSn
puts the data output pin (DO) to tri-state and terminates serial data transfer. This pin is also used for alignment mode (see Alignment Mode on
page 23) and programming mode (see Programming the AS5145 on page 19).
Pin 12 allows a single wire output of the 12-bit absolute position value. The value is encoded into a pulse width modulated signal with 1µs pulse
width per step (1µs to 4096µs over a full turn). By using an external low pass filter, the digital PWM signal is converted into an analog voltage,
e.g. for making a direct replacement of potentiometers possible.
14
NC
Must be left unconnected
15
VDD3V3
3V-Regulator Output, internally regulated from VDD5V. Connect to VDD5V for 3V supply
voltage. Do not load externally.
16
VDD5V
Positive Supply Voltage, 3.0 to 5.5 V
Table 1. Pin Descriptions
Pin Number
Pin Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com