Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS13985F27-T Datasheet(PDF) 7 Page - ams AG

Part # AS13985F27-T
Description  Micropower 150mA Low-Noise LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS13985F27-T Datasheet(HTML) 7 Page - ams AG

Back Button AS13985F27-T Datasheet HTML 3Page - ams AG AS13985F27-T Datasheet HTML 4Page - ams AG AS13985F27-T Datasheet HTML 5Page - ams AG AS13985F27-T Datasheet HTML 6Page - ams AG AS13985F27-T Datasheet HTML 7Page - ams AG AS13985F27-T Datasheet HTML 8Page - ams AG AS13985F27-T Datasheet HTML 9Page - ams AG AS13985F27-T Datasheet HTML 10Page - ams AG AS13985F27-T Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.austriamicrosystems.com
Revision 1.13
7 - 12
AS13985
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 11. Line Transient Response; VIN = 3.8 to 4.4V,
Figure 12. Turn On Time; VIN = 3.3V, CBYPASS = 10nF,
TJ = 25ºC, IOUT = 150mA, CIN = COUT = 1µF, VOUT = 2.7V
CIN = COUT = 1µF (Ceramic), tR = 20ns,
CBYPASS = 10nF, Rise Time/Fall Time = 1µs
IOUT = 1mA, VOUT = 2.8V
1ms/Div
50µs/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com