Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS13985F27-T Datasheet(PDF) 8 Page - ams AG

Part # AS13985F27-T
Description  Micropower 150mA Low-Noise LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS13985F27-T Datasheet(HTML) 8 Page - ams AG

Back Button AS13985F27-T Datasheet HTML 4Page - ams AG AS13985F27-T Datasheet HTML 5Page - ams AG AS13985F27-T Datasheet HTML 6Page - ams AG AS13985F27-T Datasheet HTML 7Page - ams AG AS13985F27-T Datasheet HTML 8Page - ams AG AS13985F27-T Datasheet HTML 9Page - ams AG AS13985F27-T Datasheet HTML 10Page - ams AG AS13985F27-T Datasheet HTML 11Page - ams AG AS13985F27-T Datasheet HTML 12Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.austriamicrosystems.com
Revision 1.13
8 - 12
AS13985
Datasheet - Ty p i c a l A p p l i c a t i o n
8 Typical Application
Figure 13. Typical Application Diagram
VREF
AS13985
VIN
VOUT
Over-Current/
Over-Temperature
Protection
+
GND
1.23V
CBYPASS
0.01µF
CIN
1µF
COUT
1µF
EN
VIN
VOUT
BYPASS
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com