Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1790-3002E/EB Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP1790-3002E/EB
Description  70 mA, High Voltage Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1790-3002E/EB Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP1790-3002E/EB Datasheet HTML 9Page - Microchip Technology MCP1790-3002E/EB Datasheet HTML 10Page - Microchip Technology MCP1790-3002E/EB Datasheet HTML 11Page - Microchip Technology MCP1790-3002E/EB Datasheet HTML 12Page - Microchip Technology MCP1790-3002E/EB Datasheet HTML 13Page - Microchip Technology MCP1790-3002E/EB Datasheet HTML 14Page - Microchip Technology MCP1790-3002E/EB Datasheet HTML 15Page - Microchip Technology MCP1790-3002E/EB Datasheet HTML 16Page - Microchip Technology MCP1790-3002E/EB Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
© 2008 Microchip Technology Inc.
DS22075A-page 13
MCP1790/MCP1791
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1 and Table 3-2.
3.1
Input Voltage Supply (VIN)
Connect the unregulated or regulated input voltage
source to VIN. If the input voltage source is located sev-
eral inches away from the regulator or the input source
is a battery, it is recommended that an input capacitor
is used. A typical input capacitance value of 1 µF to
10 µF should be sufficient for most applications. The
type of capacitor used can be ceramic, tantalum or alu-
minum electrolytic. The low ESR characteristics of the
ceramic will yield better noise and PSRR performance
at high-frequency.
3.2
Ground (GND)
Tie GND to the negative side of the output and the
negative side of the input capacitor. Only the regulator
bias current flows out of this pin; there is no high
current. The regulator output regulation is referenced to
this pin. Minimize voltage drops between this pin and
the negative side of the load.
3.3
Regulated Output Voltage (VOUT)
The VOUT pin is the regulated output voltage of the reg-
ulator. A minimum output capacitance of 1.0 µF tanta-
lum, 1.0 µF electrolytic, or 4.7 µF ceramic is required
for stability. The MCP1790 is stable with ceramic,
tantalum, and electrolytic capacitors. See
Section 4.7
“Output Capacitor” for output capacitor selection
guidance.
3.4
Shutdown (SHDN)
The SHDN pin is an active-low input signal that turns
the regulator output voltage on and off. When the
SHDN input is at a logic-high level, the regulator output
voltage is enabled. When the SHDN input is pulled to a
logic-low level, the regulator output voltage is disabled.
When the SHDN input is pulled low, the PWRGD output
signal also goes low and the regulator enters a low qui-
escent current shutdown state where the typical quies-
cent current is 10 µA. The SHDN pin is bonded to VIN
in the 3-pin versions of the regulator. See Table 4-1.
3.5
Power Good Output (PWRGD)
The PWRGD pin is an open-drain output signal that is
used to indicate when the regulator output voltage is
within 90% (typically) of its nominal regulation value.
The PWRGD threshold has a typical hysteresis value
of 2%. The typical PWRGD delay time due to VOUT
rising above 90% +3% (maximum hysteresis) is 30 µs.
The typical PWRGD delay time due to VOUT falling
below 90% is 235 µs. These delay times are internally
fixed.
3.6
Exposed Pad (EP)
The DDPAK package has an exposed tab on the pack-
age. A heat sink may be mounted to the tab to aid in the
removal of heat from the package during operation.
The exposed tab or pad of all of the available packages
is at the ground potential of the regulator.
TABLE 3-1:
MCP1790 PIN FUNCTION TABLE
Pin No.
SOT-223-3
Pin No.
DDPAK-3
Symbol
Function
11
VIN
Unregulated Supply Voltage
2,Tab
2,Tab
GND
Ground Terminal
33
VOUT
Regulated Output Voltage
TABLE 3-2:
MCP1791 PIN FUNCTION TABLE
Pin No.
SOT-223-5
Pin No.
DDPAK-5
Symbol
Function
1
1
SHDN
Shutdown Input
22
VIN
Unregulated Supply Voltage
3
3
GND
Ground Terminal
44
VOUT
Regulated Output Voltage
5
5
PWRGD
Power Good Open-Drain Output
Tab
Tab
—
Connected to Ground
—
—
N/C
no connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com