Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1790-3002E/EB Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1790-3002E/EB
Description  70 mA, High Voltage Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1790-3002E/EB Datasheet(HTML) 1 Page - Microchip Technology

  MCP1790-3002E/EB Datasheet HTML 1Page - Microchip Technology MCP1790-3002E/EB Datasheet HTML 2Page - Microchip Technology MCP1790-3002E/EB Datasheet HTML 3Page - Microchip Technology MCP1790-3002E/EB Datasheet HTML 4Page - Microchip Technology MCP1790-3002E/EB Datasheet HTML 5Page - Microchip Technology MCP1790-3002E/EB Datasheet HTML 6Page - Microchip Technology MCP1790-3002E/EB Datasheet HTML 7Page - Microchip Technology MCP1790-3002E/EB Datasheet HTML 8Page - Microchip Technology MCP1790-3002E/EB Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
© 2008 Microchip Technology Inc.
DS22075A-page 1
MCP1790/MCP1791
Features
• 48V (43.5V ±10%) load dump protected for 180ms
with a 30 second repetition rate (FORD Test Pulse
G Loaded)
• Wide steady state supply voltage, 6.0V - 30.0V
• Extended Junction Temperature Range:
-40 to +125°C
• Fixed output voltages: 3.0V, 3.3V, 5.0V
• Low quiescent current: 70 µA typical
• Low shutdown quiescent current: 10 µA typical
• Output Voltage Tolerances of ±2.5% over the
temperature range
• Maximum output current of 70 mA @ +125°C
Junction Temperature
• Maximum continuous input voltage of 30V
• Internal thermal overload protection, +157°C
(typical) Junction Temperature
• Internal short circuit current limit, 120 mA (typical)
for +5V option.
• Short Circuit Current Foldback
• Shutdown Input option (MCP1791)
• Power Good Output option (MCP1791)
• High PSRR, -90 dB@100 Hz (typical)
• Stable with 1 µF to 1000 µF Tantalum and
Electrolytic Capacitors
• Stable with 4.7 µF to 1000 µF Ceramic Capacitors
Applications
• Low Voltage A/C powered (24VAC) Fire Alarms,
CO2 Sensors, HVAC Controls
• Automotive Electronics
• Automotive Accessory Power Adapters
• Electronic Thermostat Controls
• Microcontroller power
General Description
The MCP1790/MCP1791 regulator provides up to 70 mA
of current. The input operating voltage range is specified
from 6.0V to 30V continuous, 48V absolute max, making
it ideal for automotive and commercial 12/24 VDC
systems.
The MCP1790/MCP1791 has a tight tolerance output
voltage load regulation of ±0.2% (typical) and a very
good line regulation at ±0.0002%/V (typical). The regu-
lator output is stable with ceramic, tantalum, and elec-
trolytic capacitors. The MCP1790/MCP1791 regulator
incorporates both thermal and short circuit protection.
The MCP1790 is the 3-pin version of the MCP1790/
MCP1791 family. The MCP1791 is the 5-pin version
and incorporates a Shutdown input signal and a Power
Good output signal.
The regulator is specifically designed to operate in the
automotive environment and will survive +48V (43.5V
±10%) load dump transients and double-battery jumps.
The device is designed to meet the stringent quiescent
current requirements of the automotive industry. The
device is also designed for the commercial low voltage
fire alarm/detector systems which use 24 VDC to sup-
ply the required alarms throughout buildings. The low
ground current, 110 µA (typ.), of the CMOS device will
provide a power cost savings to the end users over
similar bipolar devices. Typical buildings using hun-
dreds of 24V powered fire and smoke detectors can
see substantial savings on energy consumption and
wiring gage reduction compared to bipolar regulators.
The MCP1790 device will be offered in the 3-pin
DD-PAK, and SOT-223 packages.
The MCP1791 device will be offered in the 5-pin
DD-PAK, and SOT-223 packages.
The MCP1790/MCP1791 will have a junction tempera-
ture operating range of -40°C to +125°C.
70 mA, High Voltage Regulator


Similar Part No. - MCP1790-3002E/EB

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1792 MICROCHIP-MCP1792 Datasheet
1Mb / 32P
100 mA High-Voltage Automotive LDO
Revision C April 2020
MCP1792T-3302H/CB MICROCHIP-MCP1792T-3302H/CB Datasheet
1Mb / 32P
100 mA High-Voltage Automotive LDO
Revision C April 2020
MCP1792T-3302H/DB MICROCHIP-MCP1792T-3302H/DB Datasheet
1Mb / 32P
100 mA High-Voltage Automotive LDO
Revision C April 2020
MCP1792T-33H02/CB MICROCHIP-MCP1792T-33H02/CB Datasheet
1Mb / 32P
100 mA High-Voltage Automotive LDO
Revision C April 2020
MCP1792T-33H02/DB MICROCHIP-MCP1792T-33H02/DB Datasheet
1Mb / 32P
100 mA High-Voltage Automotive LDO
Revision C April 2020
More results

Similar Description - MCP1790-3002E/EB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8184 ONSEMI-NCV8184 Datasheet
143Kb / 14P
Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
August, 2004 ??Rev. 15
NCV8184 ONSEMI-NCV8184_06 Datasheet
185Kb / 13P
Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
May, 2006 ??Rev. 18
logo
Micro Commercial Compon...
BAS70LP MCC-BAS70LP Datasheet
340Kb / 2P
70 mA Schottky Rectifier 70 Volts
logo
Analog Devices
ADP1720-EP AD-ADP1720-EP Datasheet
905Kb / 12P
50 mA, High Voltage, Micropower Linear Regulator
REV. A
ADP1720ARMZ-5-R7 AD-ADP1720ARMZ-5-R7 Datasheet
369Kb / 16P
50 mA, High Voltage, Micropower Linear Regulator
REV. A
ADP1720 AD-ADP1720_15 Datasheet
369Kb / 16P
50 mA, High Voltage, Micropower Linear Regulator
REV. A
logo
Rohm
BD42540FJ-C ROHM-BD42540FJ-C Datasheet
1Mb / 26P
70 mA Output Voltage Tracker
logo
Micro Commercial Compon...
BAS70LP MCC-BAS70LP_13 Datasheet
459Kb / 2P
70 mA Schottky Rectifier 70 Volts
logo
New Japan Radio
NJW4105 NJRC-NJW4105 Datasheet
462Kb / 23P
HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.1
NJW4105T1 NJRC-NJW4105T1 Datasheet
664Kb / 23P
HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com