Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA4092REF Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA4092REF
Description  20-30GHz High Power Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA4092REF Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA4092REF Datasheet HTML 1Page - United Monolithic Semiconductors CHA4092REF Datasheet HTML 2Page - United Monolithic Semiconductors CHA4092REF Datasheet HTML 3Page - United Monolithic Semiconductors CHA4092REF Datasheet HTML 4Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
20-30GHz High Power Amplifier
CHA4092
Ref. : DSCHA40928021
3/4
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Bias Conditions : Tamb = +25°C, Vd = 3.5Volt, Vg = -0.2Volt.
-20
-15
-10
-5
0
5
10
15
20
25
15
20
25
30
35
Frequency (GHz)
Gain
OUT
IN
0
4
8
12
16
20
24
-15
-10
-5
0
5
10
Input power (dBm)
Freq= 20 GHz
Gain (dB)
Pout (dBm)
0
4
8
12
16
20
24
-15
-10
-5
0
5
Input power (dBm)
Freq= 24 GHz
Gain (dB)
Pout (dBm)
0
4
8
12
16
20
24
-15
-10
-5
0
5
Input power (dBm)
Freq= 30 GHz
Gain (dB)
Pout (dBm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com