Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA4092REF Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA4092REF
Description  20-30GHz High Power Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA4092REF Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA4092REF Datasheet HTML 1Page - United Monolithic Semiconductors CHA4092REF Datasheet HTML 2Page - United Monolithic Semiconductors CHA4092REF Datasheet HTML 3Page - United Monolithic Semiconductors CHA4092REF Datasheet HTML 4Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CHA4092
Ref. : DSCHA40928021
1/4
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
20-30GHz High Power Amplifier
GaAs Monolithic Microwave IC
Description
The CHA4092 is a high gain broadband three-
stage balanced monolithic power amplifier. It is
designed for a wide range of applications, from
military to commercial communication systems.
The circuit is manufactured with a PM-HEMT
process, 0.25µm gate length, via holes through
the substrate, air bridges and electron beam
gate lithography.
It is available in chip form.
Main Features
þ Broadband performances : 20-30GHz
þ 22 dBm output power ( 1dB gain comp. )
þ 17 dB
± 1.5 dB gain
þ Chip size :
1.65 X 2.15 X 0.10 mm
Typical on wafer measurements :
-30
-25
-20
-15
-10
-5
0
5
10
15
20
15
20
25
30
35
Frequency (GHz)
Gain
OUT
IN
Main Characteristics
Tamb. = 25°C
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
20
30
GHz
G
Small signal gain
16
17
dB
P1dB
Output power at 1dB gain compression
22
dBm
Id
Bias current
700
900
mA
ESD Protection : Electrostatic discharge sensitive device. Observe handling precautions !


Similar Part No. - CHA4092REF

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA4094 UMS-CHA4094 Datasheet
79Kb / 4P
36-40GHz High Power Amplifier
CHA4094-99F/00 UMS-CHA4094-99F/00 Datasheet
79Kb / 4P
36-40GHz High Power Amplifier
More results

Similar Description - CHA4092REF

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2093 UMS-CHA2093 Datasheet
107Kb / 8P
20-30GHz Low Noise Amplifier
CHA2093RBF UMS-CHA2093RBF Datasheet
186Kb / 8P
20-30GHz Low Noise Amplifier
CHA2190 UMS-CHA2190 Datasheet
163Kb / 9P
20-30GHz Low Noise Amplifier
CHA5296 UMS-CHA5296 Datasheet
180Kb / 6P
27-30GHz High Power Amplifier
CHA3693-QDG UMS-CHA3693-QDG Datasheet
389Kb / 10P
20-30GHz Medium Power Amplifier
CHA5296 UMS-CHA5296_07 Datasheet
234Kb / 6P
27-30GHz High Power Amplifier
CHA2093 UMS-CHA2093_03 Datasheet
97Kb / 8P
20-30GHz Low Noise Amplifier
CHA2093 UMS-CHA2093_15 Datasheet
128Kb / 8P
20-30GHz Low Noise Amplifier
CHA2193 UMS-CHA2193_15 Datasheet
149Kb / 10P
20-30GHz Low Noise Amplifier
CHA2190 UMS-CHA2190_15 Datasheet
185Kb / 8P
20-30GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com