Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9003 Datasheet(PDF) 28 Page - Davicom Semiconductor, Inc.

Part # DM9003
Description  10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9003 Datasheet(HTML) 28 Page - Davicom Semiconductor, Inc.

Back Button DM9003 Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 32Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 65 page
background image
DM9003
2-port Switch with Processor Interface
28
Preliminary datasheet
DM9003-15-DS-P05
April 9, 2009
1:0
P_PRI
PE0,RW
Port Base priority
The priority queue number in port base.
00 : queue 0,
01 : queue 1,
10 : queue 2,
11 : queue 3
6.40 Per Port VLAN Tag Low Byte Register (6EH)
Bit
Name
Default
Description
7:0
VID70
PE01,RW
VID[7:0]
6.41 Per Port VLAN Tag High Byte Register (6FH)
Bit
Name
Default
Description
7:5
PRI
PE0,RW
Tag [15:13]
4
CFI
PE0,RW
Tag[12]
3:0
VID118
PE0,RW
VID[11:8]
6.42 MIB Counter Port Index Register (80H)
Bit
Name
Default
Description
7
READY
P0,RO
MIB counter data is ready
When this register is written with INDEX data, this bit is cleared and the MIB
counter reading is in progress. After end of read MIB counter, the MIB data is
loaded into registers 81H~ 84H and this bit is set to indicate that the MIB data is
ready, and then the MIB data of this INDEX is cleared.
6:5
reserved
0,RO
Reserved
4:0
INDEX
PHS0,RW MIB counter index 0~9, each counter is 32-bit in Register 81H~84H.
Write the MIB counter index to this register before read them.
6.43 MIB Counter Data Registers (81H~84H)
Register
Name
Default
Description
81H
MIB_DAT
X,RO
MIB counter Data Register bit 0~7
82H
MIB_DAT
X,RO
MIB counter Data Register bit 8~15
83H
MIB_DAT
X,RO
MIB counter Data Register bit 16~23
84H
MIB_DAT
X,RO
MIB counter Data Register bit 24~31
MIB counter: RX Byte Counter Registers (INDEX 00H)
MIB counter: RX Uni-cast Packet Counter Registers (INDEX 01H)
MIB counter: RX Multi-cast Packet Counter Registers (INDEX 02H)
MIB counter: RX Discard Packet Counter Registers (INDEX 03H)
MIB counter: RX Error Packet Counter Registers (INDEX 04H)
MIB counter: TX Byte Counter Registers (INDEX 05H)
MIB counter: TX Uni-cast Packet Counter Registers (INDEX 06H)
MIB counter: TX Multi-cast Packet Counter Registers (INDEX 07H)
MIB counter: TX Discard Packet Counter Registers (INDEX 08H)
MIB counter: TX Error Packet Counter Registers (INDEX 09H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com