Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9003 Datasheet (PDF) - Davicom Semiconductor, Inc.

DM9003 Datasheet PDF - Davicom Semiconductor, Inc.
Part # DM9003
Download  DM9003 Download
File Size   443.1 Kbytes
Page   65 Pages
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.
Description 10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface

DM9003 Datasheet (PDF)

Go To PDF Page Download Datasheet
DM9003 Datasheet PDF - Davicom Semiconductor, Inc.

Part # DM9003
Download  DM9003 Click to download

File Size   443.1 Kbytes
Page   65 Pages
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.
Description 10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface

DM9003 Datasheet (HTML) - Davicom Semiconductor, Inc.


DM9003 Product details

GENERAL DESCRIPTION

The DM9003 is a fully integrated, high-performance, and cost-effective Fast Ethernet switch controller with one general processor bus interface, two port 10M/100Mbps PHYs.



FEATURES

‰  Ethernet Switch with two 10/100Mbps PHYs and general processor bus interface

‰  Processor bus slave architecture

‰  EEPROM interface for power-up configuration

‰  TCP/UDP/IPv4 checksum offload

‰  Support HPAuto-MDIX

‰  IEEE 802.3x Flow Control in Full-duplex mode

‰  Back Pressure Flow Control in Half-duplex mode

‰  Each port supports 4 priority queues by Port-based, 802.1P QoS, and IP TOS priority

‰  Support 802.1Q VLAN up to 16 VLAN groups

‰  Support VLAN ID tag/untag option

‰  Each port supports bandwidth, ingress and egress rate control

‰  Support Broadcast Storming filter function

‰  Support Store and Forward switching approach

‰  Support up to 1K uni-cast MAC addresses

‰  Automatic aging scheme

‰  Support MIB counters for diagnostic

‰  uP data driving capability adjustable

‰  64-pin LQFP 1.8V internal core, 3.3V I/O with 5V tolerant




Similar Part No. - DM9003

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9003EP DAVICOM-DM9003EP Datasheet
67Kb / 2P
Two Port Ethernet Switch Controller with 16-bit Processor
More results


Similar Description - DM9003

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM8203 DAVICOM-DM8203 Datasheet
441Kb / 63P
10/100 Mbps 2-port Ethernet Switch Controller With MII / RMII Interface
DM9010 DAVICOM-DM9010_06 Datasheet
516Kb / 62P
10/100 Mbps Single Chip Ethernet Controller with General Processor Interface
DM9010B DAVICOM-DM9010B Datasheet
448Kb / 62P
10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
DM9013 DAVICOM-DM9013 Datasheet
499Kb / 75P
10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
DM9103 DAVICOM-DM9103 Datasheet
629Kb / 89P
10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
DM8603 DAVICOM-DM8603 Datasheet
780Kb / 107P
10/100 Mbps 3-port Ethernet Switch Controller with MII / RMII Interface
DM9006 DAVICOM-DM9006 Datasheet
465Kb / 76P
10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
DM9010BI DAVICOM-DM9010BI Datasheet
454Kb / 60P
Industrial-temperature 10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
DM9016 DAVICOM-DM9016 Datasheet
513Kb / 85P
10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
DM9106 DAVICOM-DM9106 Datasheet
547Kb / 92P
10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com