Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9006 Datasheet (PDF) - Davicom Semiconductor, Inc.

DM9006 Datasheet PDF - Davicom Semiconductor, Inc.
Part # DM9006
Download  DM9006 Download
File Size   465.27 Kbytes
Page   76 Pages
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.
Description 10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface

DM9006 Datasheet (PDF)

Go To PDF Page Download Datasheet
DM9006 Datasheet PDF - Davicom Semiconductor, Inc.

Part # DM9006
Download  DM9006 Click to download

File Size   465.27 Kbytes
Page   76 Pages
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.
Description 10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface

DM9006 Datasheet (HTML) - Davicom Semiconductor, Inc.


DM9006 Product details

GENERAL DESCRIPTION

The DM9006 is a fully integrated and cost-effective fast Ethernet switch controller with two ports

10M/100M PHY, and general processor bus interface. The integrated two ports PHY are compliant

with IEEE 802.3u standards and support HP Auto-MDIX capabilities for twisted-pair cable

transmit/receive direction automatic switching. The general processor bus can be configured as 8-bit or 16-bit data width.

The DM9006 is a managed Switch, not only provides basic Layer-2 switch functions but offers advanced features that include 802.1Q VLAN, priority queuing management, bandwidth rate control, monitoring port traffic, multicast packet filtering, port security and hardware-based IGMP V1/V2 Snooping, etc.



FEATURES

‰  Ethernet Switch with two 10/100Mb PHY, and a flexible 8-bit or 16-bit general processor bus interface

‰  Store and Forward switching approach

‰  Support HP Auto-MDIX

‰  Support up-to 1K Unicast MAC addresses

‰  Support IEEE 802.3x Flow Control in Full-duplex mode

‰  Support Back Pressure Flow Control in Half-duplex mode

‰  Per port supports ingress or egress bandwidth rate control

‰  Support Broadcast/Multicast Storm Suppression

‰  Support maximum packet length up to 1536(default)/2032 bytes

‰  Support head of Line (HOL) blocking prevention

‰  Support MIB counters for diagnostic

‰  General processor bus is slave architecture

‰  General processor bus driving capability is adjustable

‰  General processor bus supports TCP/UDP/IPv4 checksum offload

‰  EEPROM interface for power up configuration

‰  Support EEPROM 93C46/93C56 with auto-detecting

‰  Driving capability of TXD/TXE of MII is adjustable

‰  Per port supports 4 level priority queues by Port-based, 802.1p VLAN, and IP TOS priority.

  The priority queue can be set at WRR(Weighted Round Robin) or Strictly(High priority queue first)

‰  Support 802.1Q VLAN up-to 16 VLAN group.

‰  Support VLAN ID tag/untag options

‰  MAC Address Table is accessible

‰  Support 256-entry multicast address table

‰  Support port security function

‰  Support 32 entry hardware-based IGMP Snooping V1, V2

‰  uP data driving capability adjustable

‰  64-pin LQFP 1.8V internal core, 3.3V I/O with 5V tolerant

‰  Support Lead-Free and Halogen–Free




Similar Part No. - DM9006

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9006EP DAVICOM-DM9006EP Datasheet
38Kb / 2P
Two Port Ethernet Switch Controller with 8/16-bit Processor Interface
More results


Similar Description - DM9006

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM8203 DAVICOM-DM8203 Datasheet
441Kb / 63P
10/100 Mbps 2-port Ethernet Switch Controller With MII / RMII Interface
DM9003 DAVICOM-DM9003 Datasheet
443Kb / 65P
10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
DM9010 DAVICOM-DM9010_06 Datasheet
516Kb / 62P
10/100 Mbps Single Chip Ethernet Controller with General Processor Interface
DM9010B DAVICOM-DM9010B Datasheet
448Kb / 62P
10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
DM9013 DAVICOM-DM9013 Datasheet
499Kb / 75P
10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
DM9103 DAVICOM-DM9103 Datasheet
629Kb / 89P
10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
DM8603 DAVICOM-DM8603 Datasheet
780Kb / 107P
10/100 Mbps 3-port Ethernet Switch Controller with MII / RMII Interface
DM9010BI DAVICOM-DM9010BI Datasheet
454Kb / 60P
Industrial-temperature 10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
DM9016 DAVICOM-DM9016 Datasheet
513Kb / 85P
10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
DM9106 DAVICOM-DM9106 Datasheet
547Kb / 92P
10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com