Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9006EP Datasheet (PDF) - Davicom Semiconductor, Inc.

DM9006EP Datasheet PDF - Davicom Semiconductor, Inc.
Part # DM9006EP
Download  DM9006EP Download
File Size   38.71 Kbytes
Page   2 Pages
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.
Description Two Port Ethernet Switch Controller with 8/16-bit Processor Interface

DM9006EP Datasheet (PDF)

Go To PDF Page Download Datasheet
DM9006EP Datasheet PDF - Davicom Semiconductor, Inc.

Part # DM9006EP
Download  DM9006EP Click to download

File Size   38.71 Kbytes
Page   2 Pages
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.
Description Two Port Ethernet Switch Controller with 8/16-bit Processor Interface

DM9006EP Datasheet (HTML) - Davicom Semiconductor, Inc.


DM9006EP Product details

GENERAL DESCRIPTION

The DM9006 is a fully integrated and cost-effective fast Ethernet switch controller with two ports

10M/100M PHY, and general processor bus interface. The integrated two ports PHY are compliant

with IEEE 802.3u standards and support HP Auto-MDIX capabilities for twisted-pair cable

transmit/receive direction automatic switching. The general processor bus can be configured as 8-bit or 16-bit data width.

The DM9006 is a managed Switch, not only provides basic Layer-2 switch functions but offers advanced features that include 802.1Q VLAN, priority queuing management, bandwidth rate control, monitoring port traffic, multicast packet filtering, port security and hardware-based IGMP V1/V2 Snooping, etc.



FEATURES

‰  Ethernet Switch with two 10/100Mb PHY, and a flexible 8-bit or 16-bit general processor bus interface

‰  Store and Forward switching approach

‰  Support HP Auto-MDIX

‰  Support up-to 1K Unicast MAC addresses

‰  Support IEEE 802.3x Flow Control in Full-duplex mode

‰  Support Back Pressure Flow Control in Half-duplex mode

‰  Per port supports ingress or egress bandwidth rate control

‰  Support Broadcast/Multicast Storm Suppression

‰  Support maximum packet length up to 1536(default)/2032 bytes

‰  Support head of Line (HOL) blocking prevention

‰  Support MIB counters for diagnostic

‰  General processor bus is slave architecture

‰  General processor bus driving capability is adjustable

‰  General processor bus supports TCP/UDP/IPv4 checksum offload

‰  EEPROM interface for power up configuration

‰  Support EEPROM 93C46/93C56 with auto-detecting

‰  Driving capability of TXD/TXE of MII is adjustable

‰  Per port supports 4 level priority queues by Port-based, 802.1p VLAN, and IP TOS priority.

  The priority queue can be set at WRR(Weighted Round Robin) or Strictly(High priority queue first)

‰  Support 802.1Q VLAN up-to 16 VLAN group.

‰  Support VLAN ID tag/untag options

‰  MAC Address Table is accessible

‰  Support 256-entry multicast address table

‰  Support port security function

‰  Support 32 entry hardware-based IGMP Snooping V1, V2

‰  uP data driving capability adjustable

‰  64-pin LQFP 1.8V internal core, 3.3V I/O with 5V tolerant

‰  Support Lead-Free and Halogen–Free




Similar Part No. - DM9006EP

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9006EP DAVICOM-DM9006EP Datasheet
465Kb / 76P
10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
More results


Similar Description - DM9006EP

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9311 SMSC-LAN9311 Datasheet
5Mb / 459P
Two Port 10/100 Managed Ethernet Switch with 16-Bit Non-PCI CPU Interface
logo
Davicom Semiconductor, ...
DM9003EP DAVICOM-DM9003EP Datasheet
67Kb / 2P
Two Port Ethernet Switch Controller with 16-bit Processor
DM9013EP DAVICOM-DM9013EP Datasheet
56Kb / 2P
Three Port Ethernet Switch Controller with 8/16/32-bit
logo
Micrel Semiconductor
KSZ8851-16MLLJ MICREL-KSZ8851-16MLLJ_10 Datasheet
517Kb / 90P
Single-Port Ethernet MAC Controller with 8-Bit or 16-Bit Non-PCI Interface
logo
Davicom Semiconductor, ...
DM9016EP DAVICOM-DM9016EP Datasheet
39Kb / 2P
Three Port Ethernet Switch Controller with 8/16/32-bit Processor Interface
logo
Micrel Semiconductor
KSZ8851-16MLLI MICREL-KSZ8851-16MLLI Datasheet
1Mb / 84P
Single-Port Ethernet MAC Controller with 8-Bit or 16-Bit Non-PCI Interface
KSZ8852HLE MICREL-KSZ8852HLE Datasheet
3Mb / 190P
Two-Port 10/100 Mb/s Ethernet Switch with 8 or 16-Bit Host Interface
KSZ8851-16MLL MICREL-KSZ8851-16MLL_15 Datasheet
1Mb / 86P
Single-Port Ethernet MAC Controller with 8-Bit or 16-Bit Non-PCI Interface
logo
Microchip Technology
KSZ8842-16M MICROCHIP-KSZ8842-16M Datasheet
2Mb / 132P
Two-Port Ethernet Switch with Non-PCI Interface
02/28/20
KSZ8842-PMQL MICROCHIP-KSZ8842-PMQL Datasheet
2Mb / 126P
Two-Port Ethernet Switch with PCI Interface
02/28/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com