Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9013EP Datasheet (PDF) - Davicom Semiconductor, Inc.

DM9013EP Datasheet PDF - Davicom Semiconductor, Inc.
Part # DM9013EP
Download  DM9013EP Download
File Size   499.45 Kbytes
Page   75 Pages
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.
Description 10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface

DM9013EP Datasheet (PDF)

Go To PDF Page Download Datasheet
DM9013EP Datasheet PDF - Davicom Semiconductor, Inc.

Part # DM9013EP
Download  DM9013EP Click to download

File Size   499.45 Kbytes
Page   75 Pages
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.
Description 10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface

DM9013EP Datasheet (HTML) - Davicom Semiconductor, Inc.


DM9013EP Product details

General Description
The DM9013 is a fully integrated and cost-effective fast Ethernet switch controller with two ports 10M/100M PHY, one port MII or RMII or Reverse MII interface, and general processor bus interface. The controller provides basic Layer-2 switch functions and advanced IEEE 802.1Q VLAN and priority queuing scheme. The integrated two ports PHY are compliant with IEEE 802.3u standards. The MII interface provides the flexibility to connect Ethernet PHY or SoC with MII/RMII interface. The DM9013 provides direct interface to the general processor bus with 8-, 16-, or 32-bit data to access internal memory.

Features
❐ Ethernet Switch with two 10/100Mb PHY, one MII/RMII, and general processor bus interface
❐ Support Reverse-MII
❐ Processor bus slave architecture
❐ EEPROM interface for power up configurations
❐ Support TCP/UDP/IPv4 checksum offload
❐ Support HP Auto-MDIX
❐ Support IEEE 802.3x Flow Control in Full-duplex mode
❐ Support Back Pressure Flow Control in Half-duplex mode
❐ Per port support 4 priority queues by Port-based, 802.1P VLAN, and IP TOS priority
❐ Support 802.1Q VLAN up-to 16 VLAN group
❐ Support VLAN ID tag/untag options
❐ Per port support bandwidth, ingress and egress rate control
❐ Support Broadcast Storming filter function
❐ Support Store and Forward switching approach
❐ Support up-to 1K Uni-cast MAC addresses
❐ Automatic aging scheme
❐ Support MIB counters for diagnostic
❐ uP data bus driving capability adjustable
❐ Port 2 TXD/TXE driving capability adjustable
❐ Auto. control to prevent memory read count error
❐ 128-pin LQFP 1.8V internal core, 3.3V I/O with 5V tolerant




Similar Part No. - DM9013EP

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9013EP DAVICOM-DM9013EP Datasheet
56Kb / 2P
Three Port Ethernet Switch Controller with 8/16/32-bit
More results


Similar Description - DM9013EP

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM8203 DAVICOM-DM8203 Datasheet
441Kb / 63P
10/100 Mbps 2-port Ethernet Switch Controller With MII / RMII Interface
DM9003 DAVICOM-DM9003 Datasheet
443Kb / 65P
10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
DM9010 DAVICOM-DM9010_06 Datasheet
516Kb / 62P
10/100 Mbps Single Chip Ethernet Controller with General Processor Interface
DM9010B DAVICOM-DM9010B Datasheet
448Kb / 62P
10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
DM9103 DAVICOM-DM9103 Datasheet
629Kb / 89P
10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
DM8603 DAVICOM-DM8603 Datasheet
780Kb / 107P
10/100 Mbps 3-port Ethernet Switch Controller with MII / RMII Interface
DM9006 DAVICOM-DM9006 Datasheet
465Kb / 76P
10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
DM9010BI DAVICOM-DM9010BI Datasheet
454Kb / 60P
Industrial-temperature 10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
DM9016 DAVICOM-DM9016 Datasheet
513Kb / 85P
10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
DM9106 DAVICOM-DM9106 Datasheet
547Kb / 92P
10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com