Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9010B Datasheet (PDF) - Davicom Semiconductor, Inc.

DM9010B Datasheet PDF - Davicom Semiconductor, Inc.
Part # DM9010B
Download  DM9010B Download
File Size   448.71 Kbytes
Page   62 Pages
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.
Description 10/100 Mbps Single Chip Ethernet Controller With General Processor Interface

DM9010B Datasheet (PDF)

Go To PDF Page Download Datasheet
DM9010B Datasheet PDF - Davicom Semiconductor, Inc.

Part # DM9010B
Download  DM9010B Click to download

File Size   448.71 Kbytes
Page   62 Pages
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.
Description 10/100 Mbps Single Chip Ethernet Controller With General Processor Interface

DM9010B Datasheet (HTML) - Davicom Semiconductor, Inc.


DM9010B Product details

GENERAL DESCRIPTION
The DM9010B is a fully integrated and cost-effective single chip Fast Ethernet MAC controller with a general processor interface, a 10/100M PHY and 16K Byte SRAM. It is designed with low power and high performance process that support 3.3V with 5V tolerance.

FEATURES
■ 100-pin LQFP.
■ Supports processor interface: Byte/word/Dword of I/O command to internal memory data operation
■ Integrated 10/100M transceiver with HP Auto-MDIX
■ Supports MII and reverses MII interface
■ Supports back pressure mode for half-duplex mode flow control
■ IEEE802.3x flow control for full-duplex mode
■ Supports wakeup frame, link status change and magic packet events for remote wake up
■ Integrated 16K Byte SRAM
■ Build in 3.3V to 1.8V regulator
■ Supports early Transmit
■ Supports IP/TCP/UDP checksum generation and checking
■ Supports automatically load vendor ID and product ID from EEPROM
■ Supports 7 or 23 GPIO pins
■ Optional EEPROM configuration
■ Very low power consumption mode:
    – Power reduced mode (cable detection)
    – Power down mode
    – Selectable TX drivers for 1:1 or 1.25:1 transformers for additional power reduction.
    – 1: 1 transformers only when HP Auto-MDIX Enable.
■ Compatible with 3.3V and 5.0V tolerant I/O




Similar Part No. - DM9010B

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9010BE DAVICOM-DM9010BE Datasheet
47Kb / 2P
Ethernet Controller with General Processor Interface
DM9010BEP DAVICOM-DM9010BEP Datasheet
47Kb / 2P
Ethernet Controller with General Processor Interface
DM9010BI DAVICOM-DM9010BI Datasheet
454Kb / 60P
Industrial-temperature 10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
DM9010BIEP DAVICOM-DM9010BIEP Datasheet
454Kb / 60P
Industrial-temperature 10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
DM9010BIEP DAVICOM-DM9010BIEP Datasheet
48Kb / 2P
Industrial-temperature 10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
More results


Similar Description - DM9010B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9010 ETC2-DM9010 Datasheet
1Mb / 61P
Single Chip Ethernet Controller with General Processor Interface
logo
Davicom Semiconductor, ...
DM9003 DAVICOM-DM9003 Datasheet
443Kb / 65P
10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
DM9008AEP DAVICOM-DM9008AEP_06 Datasheet
1Mb / 50P
Ethernet Controller with General Processor Interface
DM9010 DAVICOM-DM9010_06 Datasheet
516Kb / 62P
10/100 Mbps Single Chip Ethernet Controller with General Processor Interface
DM9013 DAVICOM-DM9013 Datasheet
499Kb / 75P
10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
DM9000B DAVICOM-DM9000B_12 Datasheet
425Kb / 63P
Ethernet Controller With General Processor Interface
DM9006 DAVICOM-DM9006 Datasheet
465Kb / 76P
10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
DM9010BI DAVICOM-DM9010BI Datasheet
454Kb / 60P
Industrial-temperature 10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
DM9010BIEP DAVICOM-DM9010BIEP Datasheet
48Kb / 2P
Industrial-temperature 10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
DM9016 DAVICOM-DM9016 Datasheet
513Kb / 85P
10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com