Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9016EP Datasheet (PDF) - Davicom Semiconductor, Inc.

DM9016EP Datasheet PDF - Davicom Semiconductor, Inc.
Part # DM9016EP
Download  DM9016EP Download
File Size   39.82 Kbytes
Page   2 Pages
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.
Description Three Port Ethernet Switch Controller with 8/16/32-bit Processor Interface

DM9016EP Datasheet (PDF)

Go To PDF Page Download Datasheet
DM9016EP Datasheet PDF - Davicom Semiconductor, Inc.

Part # DM9016EP
Download  DM9016EP Click to download

File Size   39.82 Kbytes
Page   2 Pages
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.
Description Three Port Ethernet Switch Controller with 8/16/32-bit Processor Interface

DM9016EP Datasheet (HTML) - Davicom Semiconductor, Inc.


DM9016EP Product details

General Description
The DM9016 is a fully integrated and cost-effective fast Ethernet switch controller with two ports 10M/100M PHY, one port MII or RMII or Reverse MII interface, and general processor bus interface. The integrated two ports PHY are compliant with IEEE 802.3u standards and support HP Auto-MDIX capabilities for twisted-pair cable transmit/receive direction automatic switching. The MII interface provides the flexibility to connect Ethernet PHY or SoC with MII/RMII interface. The general processor bus can be configured as 8-, 16-, or 32-bit data width.

Features
❐ Ethernet Switch with two 10/100Mb PHY, one MII/RMII/Reverse-MII port, and a flexible 8, 16, or 32-bit general processor bus interface
❐ Store and Forward switching approach
❐ Support HP Auto-MDIX
❐ Support up-to 1K Unicast MAC addresses
❐ Support IEEE 802.3x Flow Control in Full-duplex mode
❐ Support Back Pressure Flow Control in Half-duplex mode
❐ Per port supports ingress or egress bandwidth rate control
❐ Support Broadcast/Multicast Storm Suppression
❐ Support maximum packet length up to 1536(default)/1800/2032 bytes
❐ Support head of Line (HOL) blocking prevention
❐ Support MIB counters for diagnostic
❐ General processor bus is slave architecture
❐ General processor bus driving capability is adjustable
❐ General processor bus supports TCP/UDP/IPv4 checksum offload
❐ EEPROM interface for power up configuration
❐ Support EEPROM 93C46/93C56 with auto-detecting
❐ Driving capability of TXD/TXE of MII is adjustable
❐ Per port supports 4 level priority queues by Port-based, 802.1p VLAN, and IP TOS priority. The priority queue can be set at WRR(Weighted Round Robin) or Strictly(High priority queue first)
❐ Support 802.1Q VLAN up-to 16 VLAN group.
❐ Support VLAN ID tag/untag options
❐ MAC Address Table is accessible
❐ Support 256-entry multicast address table
❐ Support port security function
❐ Support 32 entry hardware-based IGMP Snooping V1, V2
❐ Support IPv6 Multicast Listener Discovery (MLD) Snooping V1
❐ Support Spanning Tree Protocol
❐ 128 QFP package with 0.18um technology
❐ 1.8V internal core, 3.3V I/O with 5V tolerant




Similar Part No. - DM9016EP

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9016EP DAVICOM-DM9016EP Datasheet
513Kb / 85P
10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
More results


Similar Description - DM9016EP

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9003EP DAVICOM-DM9003EP Datasheet
67Kb / 2P
Two Port Ethernet Switch Controller with 16-bit Processor
DM9013EP DAVICOM-DM9013EP Datasheet
56Kb / 2P
Three Port Ethernet Switch Controller with 8/16/32-bit
DM9103EP DAVICOM-DM9103EP Datasheet
46Kb / 2P
Three Port Ethernet Switch Controller with PCI Interface
logo
Micrel Semiconductor
KSZ8851-16MLLJ MICREL-KSZ8851-16MLLJ_10 Datasheet
517Kb / 90P
Single-Port Ethernet MAC Controller with 8-Bit or 16-Bit Non-PCI Interface
logo
Davicom Semiconductor, ...
DM9006EP DAVICOM-DM9006EP Datasheet
38Kb / 2P
Two Port Ethernet Switch Controller with 8/16-bit Processor Interface
DM9106EP DAVICOM-DM9106EP Datasheet
30Kb / 2P
Three Port Ethernet Switch Controller with 32-bit PCI Interface
logo
Micrel Semiconductor
KSZ8851-16MLLI MICREL-KSZ8851-16MLLI Datasheet
1Mb / 84P
Single-Port Ethernet MAC Controller with 8-Bit or 16-Bit Non-PCI Interface
KSZ8851-16MQL MICREL-KSZ8851-16MQL Datasheet
681Kb / 89P
Single-Port Ethernet MAC Controller with 8/16-Bit or 32-Bit Non-PCI Interface
KSZ8851-16MLL MICREL-KSZ8851-16MLL_15 Datasheet
1Mb / 86P
Single-Port Ethernet MAC Controller with 8-Bit or 16-Bit Non-PCI Interface
logo
Microchip Technology
KSZ8851-16MLL MICROCHIP-KSZ8851-16MLL Datasheet
1Mb / 85P
Single-Port Ethernet MAC Controller with 8-Bitor 16-Bit Non-PCI Interface
11/07/16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com