Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9106EP Datasheet (PDF) - Davicom Semiconductor, Inc.

DM9106EP Datasheet PDF - Davicom Semiconductor, Inc.
Part # DM9106EP
Download  DM9106EP Download
File Size   30.88 Kbytes
Page   2 Pages
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.
Description Three Port Ethernet Switch Controller with 32-bit PCI Interface

DM9106EP Datasheet (PDF)

Go To PDF Page Download Datasheet
DM9106EP Datasheet PDF - Davicom Semiconductor, Inc.

Part # DM9106EP
Download  DM9106EP Click to download

File Size   30.88 Kbytes
Page   2 Pages
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.
Description Three Port Ethernet Switch Controller with 32-bit PCI Interface

DM9106EP Datasheet (HTML) - Davicom Semiconductor, Inc.


DM9106EP Product details

General Description
The DM9106 is a fully integrated, high performance, and cost-effective fast Ethernet switch controller with one general PCI bus interface, two ports 10M/100Mbps PHY, and one port MII or RMII interface.

Features
❐ Ethernet Switch with two 10/100Mb PHY, one MII/RMII, and PCI bus interface
❐ Support Reverse-MII
❐ PCI bus master architecture
❐ EEPROM interface for power up configurations
❐ Support TCP/UDP/IPv4 checksum offload
❐ Support HP Auto-MDIX
❐ Support IEEE 802.3x Flow Control in Full-duplex mode
❐ Support Back Pressure Flow Control in Half-duplex mode
❐ Per port support 4 priority queues by Port-based, 802.1P QoS, and IP TOS priority
❐ Support 802.1Q VLAN up-to 16 VLAN group
❐ Support VLAN ID tag/untag options
❐ Per port support bandwidth, ingress and egress rate control
❐ Support Broadcast Storming filter function
❐ Support Store and Forward switching approach
❐ Support up-to 1K Uni-cast MAC addresses
❐ Support MIB counters for diagnostic
❐ Support IGMP Snooping v1, v2
❐ EEPROM 93C46 or 93C56 auto detection
❐ PCI bus driving capability adjustable
❐ Port 2 TXD/TXE driving capability adjustable
❐ 128-pin LQFP 1.8V internal core, 3.3V I/O with 5V tolerant




Similar Part No. - DM9106EP

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9106EP DAVICOM-DM9106EP Datasheet
547Kb / 92P
10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
More results


Similar Description - DM9106EP

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8842 MICREL-KSZ8842 Datasheet
171Kb / 2P
2-Port Ethernet Switch with PCI Interface
logo
Davicom Semiconductor, ...
DM9013EP DAVICOM-DM9013EP Datasheet
56Kb / 2P
Three Port Ethernet Switch Controller with 8/16/32-bit
DM9103 DAVICOM-DM9103 Datasheet
629Kb / 89P
10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
DM9103EP DAVICOM-DM9103EP Datasheet
46Kb / 2P
Three Port Ethernet Switch Controller with PCI Interface
logo
Micrel Semiconductor
KSZ8841-PMQL MICREL-KSZ8841-PMQL Datasheet
550Kb / 2P
Single-Port Ethernet MAC Controller with PCI Interface
KSZ8842-PMQL MICREL-KSZ8842-PMQL Datasheet
960Kb / 119P
2-Port Ethernet Switch with PCI Interface
logo
Davicom Semiconductor, ...
DM9016EP DAVICOM-DM9016EP Datasheet
39Kb / 2P
Three Port Ethernet Switch Controller with 8/16/32-bit Processor Interface
logo
Micrel Semiconductor
KSZ8851-16MQL MICREL-KSZ8851-16MQL Datasheet
681Kb / 89P
Single-Port Ethernet MAC Controller with 8/16-Bit or 32-Bit Non-PCI Interface
logo
Microchip Technology
KSZ8841-PMQL MICROCHIP-KSZ8841-PMQL Datasheet
1Mb / 72P
Single-Port Ethernet MAC Controller with PCI Interface
05/14/19
KSZ8842-PMQL MICROCHIP-KSZ8842-PMQL Datasheet
2Mb / 126P
Two-Port Ethernet Switch with PCI Interface
02/28/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com