Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9103EP Datasheet (PDF) - Davicom Semiconductor, Inc.

DM9103EP Datasheet PDF - Davicom Semiconductor, Inc.
Part # DM9103EP
Download  DM9103EP Download
File Size   46.57 Kbytes
Page   2 Pages
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.
Description Three Port Ethernet Switch Controller with PCI Interface

DM9103EP Datasheet (PDF)

Go To PDF Page Download Datasheet
DM9103EP Datasheet PDF - Davicom Semiconductor, Inc.

Part # DM9103EP
Download  DM9103EP Click to download

File Size   46.57 Kbytes
Page   2 Pages
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.
Description Three Port Ethernet Switch Controller with PCI Interface

DM9103EP Datasheet (HTML) - Davicom Semiconductor, Inc.


DM9103EP Product details

General Description

The DM9103 is a fully integrated, high performance, and cost-effective fast Ethernet switch controller with one general PCI bus interface, two ports 10M/100Mbps PHY, and one port MII or RMII interface. The general PCI bus connects directly to internal host MAC with 32-bit data registers and internal memory. The host MAC has the similar functions as other 10/100Mbps PHY or MII does. This makes the DM9103 act as an extended four ports

switch and to shorten the latency from PCI port to destination port.



Features

Ethernet Switch with two 10/100Mb PHY, one MII/RMII, and PCI bus interface

Support Reverse-MII

PCI bus master architecture

EEPROM interface for power up configurations

Support TCP/UDP/IPv4 checksum offload

Support HP Auto-MDIX

Support IEEE 802.3x Flow Control in Full-duplex mode

Support Back Pressure Flow Control in Half-duplex mode

Per port support 4 priority queues by Port-based, 802.1P QoS, and IP TOS priority

Support 802.1Q VLAN up-to 16 VLAN group

Support VLAN ID tag/untag options

Per port support bandwidth, ingress and egress rate control

Support Broadcast Storming filter function

Support Store and Forward switching approach

Support up-to 1K Uni-cast MAC addresses

Automatic aging scheme

Support MIB counters for diagnostic

128-pin LQFP 1.8V internal core, 3.3V I/O with 5V tolerant




Similar Part No. - DM9103EP

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9103EP DAVICOM-DM9103EP Datasheet
629Kb / 89P
10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
More results


Similar Description - DM9103EP

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8842 MICREL-KSZ8842 Datasheet
171Kb / 2P
2-Port Ethernet Switch with PCI Interface
logo
Davicom Semiconductor, ...
DM9103 DAVICOM-DM9103 Datasheet
629Kb / 89P
10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
logo
Micrel Semiconductor
KSZ8841-PMQL MICREL-KSZ8841-PMQL Datasheet
550Kb / 2P
Single-Port Ethernet MAC Controller with PCI Interface
KSZ8842-MQL MICREL-KSZ8842-MQL Datasheet
769Kb / 141P
2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-PMQL MICREL-KSZ8842-PMQL Datasheet
960Kb / 119P
2-Port Ethernet Switch with PCI Interface
KSZ8842-16 MICREL-KSZ8842-16_08 Datasheet
769Kb / 141P
2-Port Ethernet Switch with Non-PCI Interface
logo
Davicom Semiconductor, ...
DM9106 DAVICOM-DM9106 Datasheet
547Kb / 92P
10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
DM9106EP DAVICOM-DM9106EP Datasheet
30Kb / 2P
Three Port Ethernet Switch Controller with 32-bit PCI Interface
logo
Microchip Technology
KSZ8841-PMQL MICROCHIP-KSZ8841-PMQL Datasheet
1Mb / 72P
Single-Port Ethernet MAC Controller with PCI Interface
05/14/19
KSZ8842-PMQL MICROCHIP-KSZ8842-PMQL Datasheet
2Mb / 126P
Two-Port Ethernet Switch with PCI Interface
02/28/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com