Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9103EP Datasheet (PDF) - Davicom Semiconductor, Inc.

DM9103EP Datasheet PDF - Davicom Semiconductor, Inc.
Part # DM9103EP
Download  DM9103EP Download
File Size   629.66 Kbytes
Page   89 Pages
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.
Description 10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface

DM9103EP Datasheet (PDF)

Go To PDF Page Download Datasheet
DM9103EP Datasheet PDF - Davicom Semiconductor, Inc.

Part # DM9103EP
Download  DM9103EP Click to download

File Size   629.66 Kbytes
Page   89 Pages
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.
Description 10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface

DM9103EP Datasheet (HTML) - Davicom Semiconductor, Inc.


DM9103EP Product details

General Description

The DM9103 is a fully integrated, high performance, and cost-effective fast Ethernet switch controller with one general PCI bus interface, two ports 10M/100Mbps PHY, and one port MII or RMII interface. The general PCI bus connects directly to internal host MAC with 32-bit data registers and internal memory. The host MAC has the similar functions as other 10/100Mbps PHY or MII does. This makes the DM9103 act as an extended four ports

switch and to shorten the latency from PCI port to destination port.



Features

Ethernet Switch with two 10/100Mb PHY, one MII/RMII, and PCI bus interface

Support Reverse-MII

PCI bus master architecture

EEPROM interface for power up configurations

Support TCP/UDP/IPv4 checksum offload

Support HP Auto-MDIX

Support IEEE 802.3x Flow Control in Full-duplex mode

Support Back Pressure Flow Control in Half-duplex mode

Per port support 4 priority queues by Port-based, 802.1P QoS, and IP TOS priority

Support 802.1Q VLAN up-to 16 VLAN group

Support VLAN ID tag/untag options

Per port support bandwidth, ingress and egress rate control

Support Broadcast Storming filter function

Support Store and Forward switching approach

Support up-to 1K Uni-cast MAC addresses

Automatic aging scheme

Support MIB counters for diagnostic

128-pin LQFP 1.8V internal core, 3.3V I/O with 5V tolerant




Similar Part No. - DM9103EP

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9103EP DAVICOM-DM9103EP Datasheet
46Kb / 2P
Three Port Ethernet Switch Controller with PCI Interface
More results


Similar Description - DM9103EP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADM6926 ETC1-ADM6926 Datasheet
4Mb / 85P
26 port 10/100 Mbps Ethernet Switch Controller
logo
Davicom Semiconductor, ...
DM8203 DAVICOM-DM8203 Datasheet
441Kb / 63P
10/100 Mbps 2-port Ethernet Switch Controller With MII / RMII Interface
DM9003 DAVICOM-DM9003 Datasheet
443Kb / 65P
10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
DM9013 DAVICOM-DM9013 Datasheet
499Kb / 75P
10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
DM9103EP DAVICOM-DM9103EP Datasheet
46Kb / 2P
Three Port Ethernet Switch Controller with PCI Interface
DM8603 DAVICOM-DM8603 Datasheet
780Kb / 107P
10/100 Mbps 3-port Ethernet Switch Controller with MII / RMII Interface
DM9006 DAVICOM-DM9006 Datasheet
465Kb / 76P
10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
DM9016 DAVICOM-DM9016 Datasheet
513Kb / 85P
10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
DM9106 DAVICOM-DM9106 Datasheet
547Kb / 92P
10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
logo
Infineon Technologies A...
ADM6918 INFINEON-ADM6918 Datasheet
10Mb / 124P
18 port 10/100 Mbps Ethernet Switch Controller
Data Sheet, Rev 1.01, Nov. 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com