Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9016EP Datasheet (PDF) - Davicom Semiconductor, Inc.

DM9016EP Datasheet PDF - Davicom Semiconductor, Inc.
Part # DM9016EP
Download  DM9016EP Download
File Size   513.94 Kbytes
Page   85 Pages
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.
Description 10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface

DM9016EP Datasheet (PDF)

Go To PDF Page Download Datasheet
DM9016EP Datasheet PDF - Davicom Semiconductor, Inc.

Part # DM9016EP
Download  DM9016EP Click to download

File Size   513.94 Kbytes
Page   85 Pages
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.
Description 10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface

DM9016EP Datasheet (HTML) - Davicom Semiconductor, Inc.


DM9016EP Product details

General Description
The DM9016 is a fully integrated and cost-effective fast Ethernet switch controller with two ports 10M/100M PHY, one port MII or RMII or Reverse MII interface, and general processor bus interface. The integrated two ports PHY are compliant with IEEE 802.3u standards and support HP Auto-MDIX capabilities for twisted-pair cable transmit/receive direction automatic switching. The MII interface provides the flexibility to connect Ethernet PHY or SoC with MII/RMII interface. The general processor bus can be configured as 8-, 16-, or 32-bit data width.

Features
❐ Ethernet Switch with two 10/100Mb PHY, one MII/RMII/Reverse-MII port, and a flexible 8, 16, or 32-bit general processor bus interface
❐ Store and Forward switching approach
❐ Support HP Auto-MDIX
❐ Support up-to 1K Unicast MAC addresses
❐ Support IEEE 802.3x Flow Control in Full-duplex mode
❐ Support Back Pressure Flow Control in Half-duplex mode
❐ Per port supports ingress or egress bandwidth rate control
❐ Support Broadcast/Multicast Storm Suppression
❐ Support maximum packet length up to 1536(default)/1800/2032 bytes
❐ Support head of Line (HOL) blocking prevention
❐ Support MIB counters for diagnostic
❐ General processor bus is slave architecture
❐ General processor bus driving capability is adjustable
❐ General processor bus supports TCP/UDP/IPv4 checksum offload
❐ EEPROM interface for power up configuration
❐ Support EEPROM 93C46/93C56 with auto-detecting
❐ Driving capability of TXD/TXE of MII is adjustable
❐ Per port supports 4 level priority queues by Port-based, 802.1p VLAN, and IP TOS priority. The priority queue can be set at WRR(Weighted Round Robin) or Strictly(High priority queue first)
❐ Support 802.1Q VLAN up-to 16 VLAN group.
❐ Support VLAN ID tag/untag options
❐ MAC Address Table is accessible
❐ Support 256-entry multicast address table
❐ Support port security function
❐ Support 32 entry hardware-based IGMP Snooping V1, V2
❐ Support IPv6 Multicast Listener Discovery (MLD) Snooping V1
❐ Support Spanning Tree Protocol
❐ 128 QFP package with 0.18um technology
❐ 1.8V internal core, 3.3V I/O with 5V tolerant




Similar Part No. - DM9016EP

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9016EP DAVICOM-DM9016EP Datasheet
39Kb / 2P
Three Port Ethernet Switch Controller with 8/16/32-bit Processor Interface
More results


Similar Description - DM9016EP

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM8203 DAVICOM-DM8203 Datasheet
441Kb / 63P
10/100 Mbps 2-port Ethernet Switch Controller With MII / RMII Interface
DM9003 DAVICOM-DM9003 Datasheet
443Kb / 65P
10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
DM9010 DAVICOM-DM9010_06 Datasheet
516Kb / 62P
10/100 Mbps Single Chip Ethernet Controller with General Processor Interface
DM9010B DAVICOM-DM9010B Datasheet
448Kb / 62P
10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
DM9013 DAVICOM-DM9013 Datasheet
499Kb / 75P
10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
DM9103 DAVICOM-DM9103 Datasheet
629Kb / 89P
10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
DM8603 DAVICOM-DM8603 Datasheet
780Kb / 107P
10/100 Mbps 3-port Ethernet Switch Controller with MII / RMII Interface
DM9006 DAVICOM-DM9006 Datasheet
465Kb / 76P
10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
DM9010BI DAVICOM-DM9010BI Datasheet
454Kb / 60P
Industrial-temperature 10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
DM9106 DAVICOM-DM9106 Datasheet
547Kb / 92P
10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com