Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9013EP Datasheet(PDF) 19 Page - Davicom Semiconductor, Inc.

Part # DM9013EP
Description  10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9013EP Datasheet(HTML) 19 Page - Davicom Semiconductor, Inc.

Back Button DM9013EP Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 23Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 75 page
background image
DM9013
3-port switch with Processor Interface
Preliminary datasheet
19
DM9013-15-DS-P03
April 9, 2009
6. Control and Status Register Set
The DM9013 implements several control and status
registers, which can be accessed by the host. These CSRs
are byte aligned. All CSRs are set to their default values by
hardware or software reset unless specified
Register
Description
Offset
Default value
after reset
NCR
Network Control Register
00H
00H
NSR
Network Status Register
01H
00H
TCR
TX Control Register
02H
00H
RCR
RX Control Register
05H
00H
RSR
RX Status Register
06H
00H
ROCR
Receive Overflow Counter Register
07H
00H
FCR
Flow Control Register
0AH
00H
EPCR
EEPROM & PHY Control Register
0BH
00H
EPAR
EEPROM & PHY Address Register
0CH
40H
EPDRL
EEPROM & PHY Low Byte Data Register
0DH
XXH
EPDRH
EEPROM & PHY High Byte Data Register
0EH
XXH
PAR
Processor Port Physical Address Registers
10H-15H
by EEPROM
MAR
Processor Port Multicast Address Registers
16H-1DH
XXH
GPCR
General Purpose Control Register
1EH
01H
GPR
General Purpose Register
1FH
XXH
RXPLLR
RX Packet Length Low Register
20H
00H
RXPLHR
RX Packet Length High Register
21H
00H
RASR
RX Additional Status Register
26H
00H
RACR
RX Additional Control Register
27H
00H
VID
Vendor ID
28H-29H
0A46H
PID
Product ID
2AH-2BH
9013H
CHIPR
CHIP Revision
2CH
01H
TCR2
TX Control Register 2
2DH
00H
TCSCR
Transmit Check Sum Control Register
31H
00H
RCSCSR
Receive Check Sum Control Status Register
32H
00H
GPCR2
General Purpose Control Register 2
34H
00H
GPR2
General Purpose Register 2
35H
00H
GPCR3
General Purpose Control Register 3
36H
00H
GPR3
General Purpose Register 3
37H
00H
DRIVER
uP Data Bus driving capability Register
38H
21H
IRQCR
IRQ Control Register
39H
00H
P2FRV
Port 2 driving capability Register
3AH
21H
TXBSCR
TX Block Size Control Register
3FH
20H
MONIR1
Monitor Register 1
40H
XXH
MONIR2
Monitor Register 2
41H
XXH
MONIR3
Monitor Register 3
42H
XXH
SWITCHCR
SWITCH Control Register
52H
00H
VLANCR
VLAN Control Register
53H
00H
SWITCHSR
SWITCH Status Register
54H
00H
BWLED
Bandwidth LED Control Register
55H
FFH
P_INDEX
Per Port Control/Status Index Register
60H
00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com