Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102DEP Datasheet(PDF) 2 Page - Davicom Semiconductor, Inc.

Part # DM9102DEP
Description  Single Chip Fast Ethernet NIC Controller
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102DEP Datasheet(HTML) 2 Page - Davicom Semiconductor, Inc.

  DM9102DEP Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 2Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 3Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
Integrated Fast Ethernet MAC, Physical Layer and
transceiver in one chip.
128 pin LQFP with CMOS process.
+2.5/3.3V Power supply with +5V tolerant I/O.
Comply with PCI specification 2.2.
PCI bus master architecture.
PCI bus burst mode data transfer.
Two large independent transmission and receipt FIFO.
Up to 256K bytes Boot EPROM or Flash interface.
EEPROM 93C46 interface automatically supports node ID load and configuration information.
Comply with IEEE 802.3u 100Base-TX and 802.3
10Base-T.
Comply with IEEE 802.3u auto-negotiation protocol for automatic link type selection.
Support IEEE 802.3x Full Duplex Flow Control.
VLAN frame length support.
IP/TCP/UDP checksum generation and checking.
Zero copy supporting.
Comply with ACPI and PCI Bus Power Management.
Support the MII (Media Independent Interface) for an
external PHY.
Support Wake-On-LAN function and remote wake-up (Magic packet, Link Change and Microsoft
®
wake-up frame).
Support 4 Wake-On-LAN (WOL) signals (active high pulse, active low pulse, active high, active low.)
Hig h
per formance
100Mb p s
clock
genera t or
and
da ta
recovery circuit.
Digital
clock
re covery
circuit,
using
advanced
d i gita l
algorithm to reduce jitter.
Adaptive
equali z ation
circuit
a nd
Base line
wa nderin g
restoration circuit for 100Mbps receiver.
Pr o v ides
Loo pba ck
mode
for
eas y
s y s t em
d i a gno s t ics .
Support HP Auto-MDIX.
Low power consumption modes:
- Power reduced mode (cable detection)
- Power down mode
-
Se lec t ab le T X
dr ivers
for 1 : 1
or 1 . 25 :1
tra n sfo r me rs
fo r
additional power reduction. (1.25:1 transformers for Non Auto-MDIX only).



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com