Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102DEP Datasheet(PDF) 1 Page - Davicom Semiconductor, Inc.

Part # DM9102DEP
Description  Single Chip Fast Ethernet NIC Controller
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102DEP Datasheet(HTML) 1 Page - Davicom Semiconductor, Inc.

  DM9102DEP Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 2Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 3Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DM9102DEP Product Brief
Single Chip Fast Ethernet NIC Controller
May. 2008 Rev.1.0
The DM9102D is a fully integrated and cost effective single chip Fast Ethernet NIC controller.
It is designed with low power and high performance process. It is a 2.5/3.3V device with 5V
tolerance.
The DM9102D provides direct interface to the PCI bus and supports bus master mode to
achieve the high performance of the PCI bus. It fully complies with PCI 2.2. In the media side,
the DM9102D interfaces to the UTP3, 4, 5 in 10Base-T and the UTP5 in 100Base-TX. It is
fully compliant with the IEEE 802.3u Spec. The auto-negotiation and
HP Auto-MDIX function can automatically configure the DM9102D to take the maximum
advantage of its abilities. The DM9102D also supports IEEE 802.3x’s full-duplex flow
control to prevent the receive overflow of link partner. The IPv4 IP/TCP/UDP checksum
generation and checking can reduce the system CPU utilization.
The DM9102D supports two types of power management mechanisms. The main mechanism
is based on the OnNow architecture, which is required for PC99. The alternative mechanism
is based upon the remote Wake-On-LAN mechanism.
Block Diagram


Similar Part No. - DM9102DEP

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9102DEP DAVICOM-DM9102DEP Datasheet
568Kb / 70P
Single Chip Fast Ethernet NIC Controller
More results

Similar Description - DM9102DEP

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX98715AEC-C MCNIX-MX98715AEC-C Datasheet
201Kb / 39P
SINGLE CHIP FAST ETHERNET NIC CONTROLLER - CRYSTAL VERSION
MX98715AEC-D MCNIX-MX98715AEC-D Datasheet
255Kb / 40P
SINGLE CHIP FAST ETHERNET NIC CONTROLLER
MX98715AEC-E MCNIX-MX98715AEC-E Datasheet
201Kb / 39P
SINGLE CHIP FAST ETHERNET NIC CONTROLLER - ENHANCED VERSION
MX98L715BEC MCNIX-MX98L715BEC Datasheet
578Kb / 50P
3.3V SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
Single Chip Fast Ethernet NIC controller
logo
Macronix International
MX98715A MCNIX-MX98715A Datasheet
215Kb / 32P
SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
List of Unclassifed Man...
MX98725 ETC1-MX98725 Datasheet
177Kb / 33P
SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
Single Chip Fast Ethernet NIC Controller
DM9102H DAVICOM-DM9102H Datasheet
965Kb / 77P
Single Chip Fast Ethernet NIC Controller
DM9102HEP DAVICOM-DM9102HEP Datasheet
41Kb / 3P
Single Chip Fast Ethernet NIC Controller
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com