Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9331AE Datasheet(PDF) 2 Page - Davicom Semiconductor, Inc.

Part # DM9331AE
Description  100 Mbps Twisted Pair/Fiber Ethernet Media Converter Chip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9331AE Datasheet(HTML) 2 Page - Davicom Semiconductor, Inc.

  DM9331AE Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM9331AE Datasheet HTML 2Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
100Base-TX to 100Base-FX media converter application chip set
100Base-FX to 100Base-FX repeater application chip set under full duplex mode
100Base-TX to 100Base-TX repeater application chip set under full duplex mode
Optional Fault propagation on no link condition.
Fully compliant with IEEE 802.3u 100Base-TX/FX
Compliant with ANSI X3T12 TP-PMD 1995 standard
Supports Auto-Negotiation function to 100 Mbps full/half duplex, compliant with
IEEE 802.3u
Remote fault detection capability
Far end fault signaling option in FX mode
Selectable twisted-pair or fiber mode output
Selectable full-duplex or half-duplex operation
Provides Loopback mode for easy system diagnostics
LED status outputs indicate Link/Activity, Full/Half-duplex and Fault LED
Single Low-Power Supply of 3.3V with 0.35µm CMOS technology
Very Low Power consumption modes:
Power Reduced mode (cable detection)
Power Down mode
Selectable TX drivers for 1:1 or 1.25:1 transformers for additional power
reduction
Compatible with 3.3V and 5.0V tolerant I/Os
48-pin LQFP small package (1x1 cm)
Application
1-to-1 100M Fiber converter
Fiber IP STB, IPC, Internet Radio
Fiber DVR, Router…
Ordering Information
Part Number
Pin Count
Package
DM9331AE
48
LQFP
DAVICOM Semiconductor, Inc.
No.6, Li-Hsin Rd.VI, Science Park, Hsin-Chu, Taiwan, R.O.C.
TEL: 886-3-5798797
FAX: 886-3-5646929
E-mail: sales@davicom.com.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com