Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9331AE Datasheet(PDF) 1 Page - Davicom Semiconductor, Inc.

Part # DM9331AE
Description  100 Mbps Twisted Pair/Fiber Ethernet Media Converter Chip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9331AE Datasheet(HTML) 1 Page - Davicom Semiconductor, Inc.

  DM9331AE Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM9331AE Datasheet HTML 2Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DM9331AE Product Brief
100 Mbps Twisted Pair/Fiber Ethernet Media Converter Chip
June 2008 Rev.1.0
The DM9331A is a physical-layer, single-chip, low power transceiver for media
converter application. On the media side, it provides a direct interface either to
Unshielded Twisted Pair Category 5 Cable 5 (UTP5) for 100BASE-TX Fast Ethernet,
and it also provides PECL interface to connect the external fiber optical transceiver.
Through the Media Converter Interface (MCI), the DM9331A connects to another
DM9331A for the twisted pair to the fiber media converter, or fiber to fiber repeater.
The DM9331A uses a low-power and high-performance CMOS process. It contains
the entire physical layer functions of 100BASE-TX as defined by IEEE802.3u,
including the Physical Coding Sublayer (PCS), Physical Medium Attachment (PMA),
Twisted Pair Physical Medium Dependent Sublayer (TP-PMD) and a PECL compliant
interface for a fiber optical module, compliant with ANSI X3.166. The DM9331A
provides a strong support for the auto-negotiation function, utilizing automatic
selection of full or half-duplex mode. Furthermore, due to the built-in wave-shaping
filter, the DM9331A needs no external filter to transport signals to the media on the
100base-TX Ethernet operation.
Block Diagram
MII
Management
Control
Biasing/
Power
Block
Clock
Circuit
Block
100Base-TX
Transceiver
100Base-FX
PECL
Interface
LED Driver
Media
Converter
Interface
MII
Register
100Base-
TX
PCS
Auto-Negotiation
TX/RX Module


Similar Part No. - DM9331AE

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
DM9331 PULSE-DM9331 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - DM9331AE

ManufacturerPart #DatasheetDescription
logo
Level One
LXT902 LVL1-LXT902 Datasheet
404Kb / 14P
Ethernet Twisted-Pair Media Attachment Unit
logo
List of Unclassifed Man...
DM9301 ETC-DM9301 Datasheet
125Kb / 22P
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
logo
Davicom Semiconductor, ...
DM9301F DAVICOM-DM9301F Datasheet
56Kb / 2P
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
DM9301FP DAVICOM-DM9301FP Datasheet
288Kb / 22P
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
DM9302 DAVICOM-DM9302 Datasheet
406Kb / 64P
10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
DM9302EP DAVICOM-DM9302EP Datasheet
59Kb / 2P
10/100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter with Local bus
DM9332 DAVICOM-DM9332 Datasheet
387Kb / 61P
10/100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
DM9332EP DAVICOM-DM9332EP Datasheet
68Kb / 2P
10/100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
logo
Advantech Co., Ltd.
856-15410 ADVANTECH-856-15410 Datasheet
536Kb / 2P
10/100/1000 Mbps Ethernet Media Converter
856-18700 ADVANTECH-856-18700 Datasheet
565Kb / 2P
10/100 Mbps Ethernet Media Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com