Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPS-9130VG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPS-9130VG
Description  1310 nm / 3 Gb/s Medium Power SM Video SFP Transceiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-9130VG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPS-9130VG Datasheet HTML 1Page - Optoway Technology Inc SPS-9130VG Datasheet HTML 2Page - Optoway Technology Inc SPS-9130VG Datasheet HTML 3Page - Optoway Technology Inc SPS-9130VG Datasheet HTML 4Page - Optoway Technology Inc SPS-9130VG Datasheet HTML 5Page - Optoway Technology Inc SPS-9130VG Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Optoway
SPS-9130VG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2009 V1.0
1
SPS-9130VG
(RoHS Compliant)
1310 nm / 3 Gb/s Medium Power SM Video SFP Transceiver
**********************************************************************************************************************************************************************
FEATURES
l SMPTE 297-2006 Compatible
l Hot-Pluggable SFP Footprint LC Optical Transceiver
l Small Form-Factor Pluggable (SFP) MSA compatible
l Speed from 50 Mbps to 3Gbps with up to 30 km
Single-mode Fiber
l Distance up to 30 km for 3G-SDI
l Support Video Pathological Patterns for SD-SDI,
HD-SDI and 3G-SDI
l Single +3.3 V Power Supply
l RoHS-6 Compliant
l 0 to 70oC Operation
l Hot Pluggable
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l SMPTE 297-2006 Compliant Electrical-to-Optical
Interfaces
l High-density Video Routers
DESCRIPTION
The SPS-9130VG is a single mode transceiver module
designed to transmit/receive optical serial digital signals as
defined in SMPTE 297-2006. It supports from 50 Mbps to 3
Gbps and is specifically designed for transmitted the
SMPTE 259M, SMPTE 344M, SMPTE 292M and SMPTE
424M SDI pathological patterns. It is with the SFP 20-pin
connector to allow hot plug capability. It is with 1310 nm
laser transmitters. The transmitter can transmit signal from
50 Mbps to 3 Gbps with up to 30 km of single-mode fiber.
A maximum distance of 30 km is achievable with 3Gbps
pathological signals.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11. The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
TX
RX
P/No.
Type
Bit Rate
(Mb/s)
λ
(nm)
Power
(dBm)
λ
(nm)
Sen.
(dBm)
Package
Temp
(
oC)
RoHS
Compliant
SPS-9130VG
transceiver 50 to 3000 1310 DFB
0 to -5
1260/1620 0 to -20
LC SFP
0 to 70
Yes
LINK DISTANCE
SDI
Bit Rate
Max. Link Distance (km)
3G-SDI
2.97Gbps
30
HD-SDI
1.485Gbps
30
SD-SDI
270Mbos
30


Similar Part No. - SPS-9130VG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9130VG OPTOWAY-SPS-9130VG_15 Datasheet
165Kb / 6P
3 Gb/s Medium Power SM Video SFP Transceiver
SPS-9130VG_2015 OPTOWAY-SPS-9130VG_2015 Datasheet
165Kb / 6P
3 Gb/s Medium Power SM Video SFP Transceiver
More results

Similar Description - SPS-9130VG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9110VG OPTOWAY-SPS-9110VG Datasheet
173Kb / 6P
1310 nm / 3 Gb/s Medium Power SM Video SFP Transceiver
SPS-9110VWG OPTOWAY-SPS-9110VWG Datasheet
173Kb / 6P
1310 nm / 3 Gb/s Medium Power SM Video Digital Diagnostic SFP Transceiver
SPS-9130VWG OPTOWAY-SPS-9130VWG Datasheet
173Kb / 6P
1310 nm / 3 Gb/s Medium Power SM Video Digital Diagnostic SFP Transceiver
SPS-9350VG OPTOWAY-SPS-9350VG Datasheet
173Kb / 6P
1550 nm / 3 Gb/s Medium Power SM Video SFP Transceiver
SPS-9380VG OPTOWAY-SPS-9380VG Datasheet
173Kb / 6P
1550 nm / 3 Gb/s Medium Power SM Video SFP Transceiver
SPS-9110VG_2015 OPTOWAY-SPS-9110VG_2015 Datasheet
165Kb / 6P
3 Gb/s Medium Power SM Video SFP Transceiver
SPS-9130VG_2015 OPTOWAY-SPS-9130VG_2015 Datasheet
165Kb / 6P
3 Gb/s Medium Power SM Video SFP Transceiver
SPS-9380VG_2015 OPTOWAY-SPS-9380VG_2015 Datasheet
165Kb / 6P
3 Gb/s Medium Power SM Video SFP Transceiver
SPS-9110VG OPTOWAY-SPS-9110VG_15 Datasheet
165Kb / 6P
3 Gb/s Medium Power SM Video SFP Transceiver
SPS-9380VG OPTOWAY-SPS-9380VG_15 Datasheet
165Kb / 6P
3 Gb/s Medium Power SM Video SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com