Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2GPF730K Datasheet(PDF) 1 Page - Transcend Information. Inc.

Part # TS2GPF730K
Description  Digital Photo Frames
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GPF730K Datasheet(HTML) 1 Page - Transcend Information. Inc.

  TS2GPF730K Datasheet HTML 1Page - Transcend Information. Inc. TS2GPF730K Datasheet HTML 2Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
T
T
TS
S
S2
2
2G
G
GP
P
PF
F
F7
7
73
3
30
0
0B
B
B///W
W
W///B
B
B---J
J
J///W
W
W---J
J
J
PF730
Transcend Information Inc.
1
Description
TS2GPF730B is Transcend PF730 Digital Photo
Frames with black color. The device is designed to
access and playback photos, videos and music from a
variety of sources: USB Flash drives, memory cards, or
it’s on-board flash memory.
System Requirements
System requirements for connecting photo frame to a
computer:
100~240V voltage power outlet for the DC adaptor.
Desktop or notebook computer with a working USB port.
One of the following Operating Systems:
• Windows 2000
• Windows XP
• Windows Vista™
• Mac OS 10.0 or later
• Linux Kernel 2.4 or later
Features
Bright 7” (4:3) high-resolution color TFT LCD panel
Built-in speaker for music playback
View photos with background music from MP3s
Supports USB flash drives and SD/SDHC/MMC/MS
memory cards
2GB of internal memory – works even without a memory
card
Full motion video playback (Motion-JPEG only)
Automatic rotation sensor for easy Landscape or Portrait
setup
Fully compliant with High-Speed USB 2.0 and backwards
compatible with USB 1.1
Direct USB connection to your PC for easy file transfers
Select multiple photos for convenient one-step transfer to
internal memory
Slideshow, thumbnail, still picture, and zoom-in viewing
options
Attractive frame themes and animations to accent your
pictures
Important date/event reminders
Clock, alarm and calendar functions
Automatic Power-ON/OFF and Sleep timers
Custom alarm clock settings - wake up to your favorite
MP3 song
User-selectable Color Modes to enhance the look of your
photos
Placement
Dimensions
Side
Millimeters
Inches
Width
194.0
± 0.50
7.64
± 0.02
Height
160.0
± 0.50
6.29
± 0.02
Depth
29.0
± 0.50
1.14
± 0.02


Similar Part No. - TS2GPF730K

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS2GPF720K TRANSCEND-TS2GPF720K Datasheet
427Kb / 5P
T.photo??720
TS2GPF720K/W TRANSCEND-TS2GPF720K/W Datasheet
427Kb / 5P
T.photo??720
TS2GPF720W TRANSCEND-TS2GPF720W Datasheet
427Kb / 5P
T.photo??720
More results

Similar Description - TS2GPF730K

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJL5801K NJRC-NJL5801K Datasheet
171Kb / 5P
DIGITAL OUTPUT PHOTO REFLECTOR???
logo
COSMO Electronics Corp...
KP7010 COSMO-KP7010 Datasheet
231Kb / 2P
High Reliability Digital Output IC Photo IC Photo Coupler
KP7110 COSMO-KP7110 Datasheet
230Kb / 2P
High Reliability Digital Output IC Photo IC Photo Coupler
logo
New Japan Radio
NJL5802K NJRC-NJL5802K Datasheet
180Kb / 5P
DIGITAL OUTPUT PHOTO REFLECTOR
logo
Extech Instruments Corp...
461893 EXTECH-461893 Datasheet
338Kb / 4P
Digital Photo Tachometer
logo
Transcend Information. ...
TS2GPF810K TRANSCEND-TS2GPF810K Datasheet
147Kb / 3P
Digital Photo Frame
logo
Clairex Technologies, I...
CLL CLAIREX-CLL Datasheet
198Kb / 4P
Photo-IC Sensors Digital Output
logo
Synaptics Incorporated.
CX92745 CONEXANT-CX92745 Datasheet
522Kb / 2P
Connected Digital Frames
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com