Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR2293 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHR2293
Description  20-24GHz Integrated Down Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2293 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHR2293 Datasheet HTML 1Page - United Monolithic Semiconductors CHR2293 Datasheet HTML 2Page - United Monolithic Semiconductors CHR2293 Datasheet HTML 3Page - United Monolithic Semiconductors CHR2293 Datasheet HTML 4Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
20-24GHz MFC Down Converter
CHR2293
Ref. : DSCHR22932108 -18-April-02
2/4
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics for Broadband Operation
Tamb = +25°C, Vd = 3.5V
Symbol
Parameter
Min
Typ
Max
Unit
FRF
RF frequency range
20
24
GHz
FLO
LO frequency range
9.25
12.75
GHz
FIF
IF frequency range
0.25
1.5
GHz
Gc
Conversion gain (1)
+11
dB
NF
Noise Figure (1)
4
dB
PLO
LO Input power
+10
dBm
Img Sup
Image Suppression (2)
17
dBc
P1dB
Input power at 1dB gain compression
-8
dBm
LO VSWR Input LO VSWR (1)
2.0:1
RF VSWR Input RF VSWR (1)
2.0:1
Id
Bias current (3)
130
mA
(1) On Wafer measurements
(2)
With external I/ Q combiner
(3) Current source biasing network is recommended. Optimum performances for Idm= 50mA
and Idl= 80mA
Absolute Maximum Ratings
Tamb. = 25°C (1)
Symbol
Parameter
Values
Unit
Vd
Drain bias voltage
4.0
V
Id
Drain bias current
200
mA
Vg
Gate bias voltage
-2.0 to +0.4
V
Pin
Maximum peak input power overdrive (2)
+15
dBm
Ta
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +155
°C
(1) Operation of this device above anyone of these parameters may cause permanent damage.
(2) Duration < 1s.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com