Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR2293 Datasheet (PDF) - United Monolithic Semiconductors

CHR2293 Datasheet PDF - United Monolithic Semiconductors
Part # CHR2293
Download  CHR2293 Download
File Size   97.18 Kbytes
Page   4 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description 20-24GHz Integrated Down Converter

CHR2293 Datasheet (PDF)

Go To PDF Page Download Datasheet
CHR2293 Datasheet PDF - United Monolithic Semiconductors

Part # CHR2293
Download  CHR2293 Click to download

File Size   97.18 Kbytes
Page   4 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description 20-24GHz Integrated Down Converter

CHR2293 Datasheet (HTML) - United Monolithic Semiconductors


CHR2293 Product details

Description
The CHR2293 is a multifunction chip which integrates a LO X2 multiplier, a balanced cold FET mixer, and a RF LNA. It is designed for a wide range of applications, typically commercial communication systems. The backside of the chip is both RF and DC grounds. This helps simplify the assembly process.

Main Features
• Broadband performances: 20-24GHz
• 11 dB conversion gain
• 4dB noise figure, for IF>0.1GHz
• 10dBm LO input power
• -8dBm RF input power (1dB gain comp.)
• Low DC power consumption, 130mA@3.5V
• Chip size: 2.49 X 1.97 X 0.10mm




Similar Part No. - CHR2293

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2293 UMS-CHR2293 Datasheet
72Kb / 4P
20-24GHz Integrated Down Converter
CHR2293 UMS-CHR2293 Datasheet
96Kb / 4P
20-24GHz Integrated Down Converter
CHR2293-99F UMS-CHR2293-99F Datasheet
96Kb / 4P
20-24GHz Integrated Down Converter
CHR2293-99F00 UMS-CHR2293-99F00 Datasheet
96Kb / 4P
20-24GHz Integrated Down Converter
CHR2293 UMS-CHR2293_05 Datasheet
72Kb / 4P
20-24GHz Integrated Down Converter
More results


Similar Description - CHR2293

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2291 UMS-CHR2291 Datasheet
121Kb / 6P
12-17GHz Integrated Down Converter
CHR2296 UMS-CHR2296 Datasheet
119Kb / 5P
36- 40GHz Integrated Down Converter
CHR2293 UMS-CHR2293_05 Datasheet
72Kb / 4P
20-24GHz Integrated Down Converter
CHR3663-QEG UMS-CHR3663-QEG Datasheet
453Kb / 16P
17-24GHz Integrated Down Converter GaAs Monolithic Microwave IC in SMD package
CHR3694-QDG UMS-CHR3694-QDG Datasheet
363Kb / 18P
37-40GHz Integrated Down converter 37-40GHz Integrated Down converter
CHR2293 UMS-CHR2293_11 Datasheet
96Kb / 4P
20-24GHz Integrated Down Converter
CHR3352-QEG UMS-CHR3352-QEG Datasheet
622Kb / 16P
12-16GHz Integrated Down Converter
CHR3663-QEG UMS-CHR3663-QEG_11 Datasheet
451Kb / 18P
17-24GHz Integrated Down Converter
CHR3364-QEG UMS-CHR3364-QEG_15 Datasheet
477Kb / 14P
17-24GHz Down Converter
CHR3663-QEG UMS-CHR3663-QEG_15 Datasheet
475Kb / 18P
17-24GHz Integrated Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com