Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2GPF810B Datasheet(PDF) 3 Page - Transcend Information. Inc.

Part # TS2GPF810B
Description  Digital Photo Frame
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GPF810B Datasheet(HTML) 3 Page - Transcend Information. Inc.

  TS2GPF810B Datasheet HTML 1Page - Transcend Information. Inc. TS2GPF810B Datasheet HTML 2Page - Transcend Information. Inc. TS2GPF810B Datasheet HTML 3Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
T
T
TS
S
S2
2
2G
G
GP
P
PF
F
F8
8
81
1
10
0
0K
K
K///W
W
W///B
B
B
PF810
Transcend Information Inc.
3
Specifications
Panel:
8” 4:3 TFT LCD, 800x600 pixels
Speakers:
L / R stereo speakers, 1.5w each
Headphone Jack:
3.5mm, 32 ohm
FM Jack
2.5mm
USB Interface:
1x standard A-Type, 1x mini B-Type
Internal Storage:
2GB NAND Flash
Data Retention:
Up to 10 years
Navigation:
8 touch keys and remote control
Remote Control:
Infrared, NEC protocol
Dimensions:
230mm × 180mm × 31mm
Power Supply:
Input: 100V~ 240V 0.3A, Output: 5V DC 2.0A
Operating Temperature
0℃ (32℉) ~ 40℃ (104℉)
Picture Formats:
DSC JPEG (up to 8000 x 8000), BMP (800 x 600),
Video Formats:
MPEG1/4 (SP/ASP), Motion JPEG.
( AVI, MOV, MPG, MP4, 3GP; Up to 720x576 @ 30FPS)
Music Formats:
MP3, WMA (Non-DRM), WAV
Supported Music Bit Rates:
32Kbps–320Kbps
FM Frequency Range
World: 87.5 ~ 108.0 MHz
Japan: 76 ~ 90 MHz
Certificates:
CE, FCC, BSMI
Warranty:
Panel: 1-year, (maximum 4 defective pixels)
Device: 2-years



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com